Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF357 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF357
Description  JFET Input Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF357 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF357 Datasheet HTML 1Page - National Semiconductor (TI) LF357 Datasheet HTML 2Page - National Semiconductor (TI) LF357 Datasheet HTML 3Page - National Semiconductor (TI) LF357 Datasheet HTML 4Page - National Semiconductor (TI) LF357 Datasheet HTML 5Page - National Semiconductor (TI) LF357 Datasheet HTML 6Page - National Semiconductor (TI) LF357 Datasheet HTML 7Page - National Semiconductor (TI) LF357 Datasheet HTML 8Page - National Semiconductor (TI) LF357 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required, contact the National Semiconductor Sales Office/Distributors for
availability and specifications.
LF155/6
LF256/7/LF356B
LF355/6/7
Supply Voltage
±22V
±22V
±18V
Differential Input Voltage
±40V
±40V
±30V
Input Voltage Range (Note 2)
±20V
±20V
±16V
Output Short Circuit Duration
Continuous
Continuous
Continuous
T
JMAX
H-Package
150˚C
115˚C
115˚C
N-Package
100˚C
100˚C
M-Package
100˚C
100˚C
Power Dissipation at T
A = 25˚C (Notes
1, 8)
H-Package (Still Air)
560 mW
400 mW
400 mW
H-Package (400 LF/Min Air Flow)
1200 mW
1000 mW
1000 mW
N-Package
670 mW
670 mW
M-Package
380 mW
380 mW
Thermal Resistance (Typical)
θ
JA
H-Package (Still Air)
160˚C/W
160˚C/W
160˚C/W
H-Package (400 LF/Min Air Flow)
65˚C/W
65˚C/W
65˚C/W
N-Package
130˚C/W
130˚C/W
M-Package
195˚C/W
195˚C/W
(Typical)
θ
JC
H-Package
23˚C/W
23˚C/W
23˚C/W
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
−65˚C to +150˚C
Soldering Information (Lead Temp.)
Metal Can Package
Soldering (10 sec.)
300˚C
300˚C
300˚C
Dual-In-Line Package
Soldering (10 sec.)
260˚C
260˚C
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
215˚C
Infrared (15 sec.)
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of
soldering surface mount devices.
ESD tolerance
(100 pF discharged through 1.5k
Ω)
1000V
1000V
1000V
DC Electrical Characteristics
(Note 3)
Symbol
Parameter
Conditions
LF155/6
LF256/7
LF356B
LF355/6/7
Units
Min
Typ
Max Min
Typ
Max Min
Typ
Max
V
OS
Input Offset Voltage
R
S=50Ω,TA=25˚C
3
5
3
5
3
10
mV
Over Temperature
7
6.5
13
mV
∆V
OS/∆T
Average TC of Input
Offset Voltage
R
S=50Ω
5
5
5
µV/˚C
∆TC/∆V
OS
Change in Average TC
with V
OS Adjust
R
S=50Ω, (Note 4)
0.5
0.5
0.5
µV/˚C
per mV
I
OS
Input Offset Current
T
J=25˚C, (Notes 3, 5)
3
20
3
20
3
50
pA
T
J≤THIGH
20
1
2
nA
www.national.com
2


Similar Part No. - LF357

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF357 STMICROELECTRONICS-LF357 Datasheet
250Kb / 14P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LF357 NSC-LF357 Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF357 TI-LF357 Datasheet
2Mb / 32P
[Old version datasheet]   LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
LF357 TI-LF357 Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF357A NSC-LF357A Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
More results

Similar Description - LF357

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com