Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ8A Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # KBJ8A
Description  8.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

KBJ8A Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  KBJ8A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd KBJ8A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
Symbol
KBJ
8A
KBJ
8B
KBJ
8D
KBJ
8G
KBJ
8J
KBJ
8K
KBJ
8M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Output Current
@ TC = 110
°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current, 8.3ms single
half-sine-wave superimposed on rated load
IFSM
170
A
Forward Voltage per element
@ IF = 4.0A
VFM
1.0
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IR
5.0
500
mA
I2t Rating for Fusing (t < 8.3ms) (Note 1)
I2t
120
A2s
Typical Total Capacitance per Element (Note 2)
CT
55
pF
Typical Thermal Resistance Junction to Case (Note 3)
RqJC
1.6
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
@ TA = 25
°C unless otherwise specified
Notes:
1. Non-repetitive, for t > 1.0ms and < 8.3ms.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to case per element. Unit mounted on 100 x 100 x 1.6mm aluminum plate heat sink.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
KBJ8A - KBJ8M
1 of 2
_
A
B
D
J
K
C
E
G
H
L
M
N
P
R
KBJ4
Dim
Min
Max
A
24.80
25.20
B
14.70
15.30
C
4.00 Nominal
D
17.20
17.80
E
0.90
1.10
G
7.30
7.70
H
3.10 Æ 3.40 Æ
J
3.30
3.70
K
1.50
1.90
L
9.30
9.70
M
2.50
2.90
N
3.40
3.80
P
4.40
4.80
R
0.60
0.80
All Dimensions in mm
KBJ8A- KBJ8M
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 350A Peak
·
Ideal for Printed Circuit Board Applications
·
Plastic Material - UL Flammability
Classification 94V-0
·
Case: Molded Plastic
·
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Molded on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 in-lbs Maximum
·
Weight: 6.6 grams (approx)
·
Marking: Type Number
·
Lead Free:: :For RoHS / Lead Free Version
·
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
Alldatasheet


Similar Part No. - KBJ8A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ8A WTE-KBJ8A Datasheet
48Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBJ8A BILIN-KBJ8A Datasheet
130Kb / 3P
   Silicon Bridge Rectifiers
logo
Dc Components
KBJ8A DCCOM-KBJ8A Datasheet
419Kb / 2P
   TECHNICAL SPECIFICATIONS FO SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
KBJ8A GOOD-ARK-KBJ8A Datasheet
755Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Won-Top Electronics
KBJ8A WTE-KBJ8A Datasheet
76Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBJ8A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GBU8005 LUGUANG-GBU8005 Datasheet
76Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005_1 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
GBU8005 DIODES-GBU8005 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
DONGGUAN YOU FENG WEI E...
GBU801G YFWDIODE-GBU801G Datasheet
543Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HBS805 ZSELEC-HBS805 Datasheet
119Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBJ801 YFWDIODE-KBJ801 Datasheet
540Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS8005M ZSELEC-RS8005M Datasheet
127Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU800G WTE-KBU800G Datasheet
43Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT8A ZSELEC-TT8A Datasheet
119Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ8005 DIODES-GBJ8005 Datasheet
64Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21217 Rev. D-2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com