Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER508G Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # HER508G
Description  5A GLASS PASSIVATED ULTRAFAST DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

HER508G Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  HER508G Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd HER508G Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
HER501G-HER504G
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
HER506 - HER508
HER501 - HER505
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
HER501G – HER508G
HER501G – HER508G
0
2
4
6
8
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
HER505G
HER506G-HER508G
Alldatasheet


Similar Part No. - HER508G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER508G ETC-HER508G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER508G RECTRON-HER508G Datasheet
140Kb / 6P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Amperes
logo
Taiwan Semiconductor Co...
HER508G TSC-HER508G Datasheet
269Kb / 2P
   5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
RFE international
HER508G RFE-HER508G Datasheet
2Mb / 3P
   High Efficient Rectifier HER501G Through HER508G
26-09-2022
logo
UNIOHM CORPORATION
HER508G UNIOHM-HER508G Datasheet
69Kb / 2P
   5.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER508G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UF500G ZSELEC-UF500G Datasheet
87Kb / 2P
   5A GLASS PASSIVATED ULTRAFAST DIODE
UG5001 ZSELEC-UG5001 Datasheet
84Kb / 2P
   5A GLASS PASSIVATED ULTRAFAST DIODE
MUR440 ZSELEC-MUR440 Datasheet
197Kb / 2P
   4A GLASS PASSIVATED ULTRAFAST DIODE
EGP20A ZSELEC-EGP20A Datasheet
92Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
UF250G ZSELEC-UF250G Datasheet
88Kb / 2P
   2.5A GLASS PASSIVATED ULTRAFAST DIODE
UG2001 ZSELEC-UG2001 Datasheet
89Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
UG1501 ZSELEC-UG1501 Datasheet
89Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
UF5400G WTE-UF5400G Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
HER251G ZSELEC-HER251G Datasheet
110Kb / 2P
   2.5A GLASS PASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com