Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1216U0A Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9F1216U0A
Description  64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1216U0A Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9F1216U0A Datasheet HTML 5Page - Samsung semiconductor K9F1216U0A Datasheet HTML 6Page - Samsung semiconductor K9F1216U0A Datasheet HTML 7Page - Samsung semiconductor K9F1216U0A Datasheet HTML 8Page - Samsung semiconductor K9F1216U0A Datasheet HTML 9Page - Samsung semiconductor K9F1216U0A Datasheet HTML 10Page - Samsung semiconductor K9F1216U0A Datasheet HTML 11Page - Samsung semiconductor K9F1216U0A Datasheet HTML 12Page - Samsung semiconductor K9F1216U0A Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
FLASH MEMORY
9
K9F1208U0A
K9F1216U0A
Product Introduction
The K9F1208X0A is a 528Mbit(553,648,218 bit) memory organized as 131,072 rows(pages) by 528 columns. Spare sixteen columns
are located from column address of 512 to 527. A 528-byte(x8 device), 264word(x16 device) data register is connected to memory
cell arrays accommodating data transfer between the I/O buffers and memory during page read and page program operations. The
memory array is made up of 16 cells that are serially connected to form a NAND structure. Each of the 16 cells resides in a different
page. A block consists of two NAND structured strings. A NAND structure consists of 16 cells. Total 135168 NAND cells reside in a
block. The array organization is shown in Figure 2. The program and read operations are executed on a page basis, while the erase
operation is executed on a block basis. The memory array consists of 4,096 separately erasable 16K-byte blocks. It indicates that the
bit by bit erase operation is prohibited on the K9F1208X0A.
The K9F1208X0A has addresses multiplexed into 8 I/O's. This scheme dramatically reduces pin counts and allows systems upgrades
to future densities by maintaining consistency in system board design. Command, address and data are all written through I/O's by
bringing WE to low while CE is low. Data is latched on the rising edge of WE. Command Latch Enable(CLE) and Address Latch
Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. The 64M byte physical space requires 26
addresses(X8 device) or 25 addresses(X16 device), thereby requiring four cycles for byte-level addressing: column address, low row
address and high row address, in that order. Page Read and Page Program need the same four address cycles following the required
command input. In Block Erase operation, however, only the three row address cycles are used. Device operations are selected by
writing specific commands into the command register. Table 1 defines the specific commands of the K9F1208X0A.
The device provides simultaneous program/erase capability up to four pages/blocks. By dividing the memory array into four 128Mbit
separate planes, simultaneous multi-plane operation dramatically increases program/erase performance by 4X while still maintaining
the conventional 512 byte(X8 device) or 256 word(X16 device) structure.
The extended pass/fail status for multi-plane program/erase allows system software to quickly identify the failing page/block out of
selected multiple pages/blocks. Usage of multi-plane operations will be described further throughout this document.
In addition to the enhanced architecture and interface, the device incorporates copy-back program feature from one page to another
of the same plane without the need for transporting the data to and from the external buffer memory. Since the time-consuming burst-
reading and data-input cycles are removed, system performance for solid-state disk application is significantly increased.
The device includes one block sized OTP(One Time Programmable), which can be used to increase system security or to provide
identification capabilities. Detailed information can be obtained by contact with Samsung.
Table 1. Command Sets
NOTE : 1. The 00h command defines starting address of the 1st half of registers.
The 01h command defines starting address of the 2nd half of registers.
After data access on the 2nd half of register by the 01h command, the status pointer is
automatically moved to the 1st half register(00h) on the next cycle.
2. Page Program(True) and Copy-Back Program(True) are available on 1 plane operation.
Page Program(Dummy) and Copy-Back Program(Dummy) are available on the 2nd,3rd,4th plane of multi plane operation.
3. The 71h command should be used for read status of Multi Plane operation.
Caution : Any undefined command inputs are prohibited except for above command set of Table 1.
Function
1st. Cycle
2nd. Cycle
3rd. Cycle
Acceptable Command
during Busy
Read 1
00h/01h(1)
--
Read 2
50h
-
-
Read ID
90h
-
-
Reset
FFh
-
-
O
Page Program (True)(2)
80h
10h
-
Page Program (Dummy)(2)
80h
11h
-
Copy-Back Program(True)(2)
00h
8Ah
10h
Copy-Back Program(Dummy)(2)
03h
8Ah
11h
Block Erase
60h
D0h
-
Multi-Plane Block Erase
60h----60h
D0h
-
Read Status
70h
-
-
O
Read Multi-Plane Status
71h(3)
--
O


Similar Part No. - K9F1216U0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A-P SAMSUNG-K9F1216U0A-P Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A-Y SAMSUNG-K9F1216U0A-Y Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1216U0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com