Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S51323PF-MEF90 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4S51323PF-MEF90
Description  4M x 32Bit x 4 Banks Mobile-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S51323PF-MEF90 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4S51323PF-MEF90 Datasheet HTML 4Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 5Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 6Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 7Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 8Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 9Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 10Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 11Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
K4S51323PF-M(E)F
September 2004
11
Mobile-SDRAM
1. In order to save power consumption, Mobile SDRAM has PASR option.
2. Mobile SDRAM supports 3 kinds of PASR in self refresh mode : Full Array, 1/2 of Full Array, 1/4 of Full Array
BA1=0
- Full Array
- 1/2 Array
- 1/4 Array
Partial Self Refresh Area
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=1
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
Partial Array Self Refresh
B. POWER UP SEQUENCE
Note :
1. In order to save power consumption, Mobile-SDRAM includes the internal temperature sensor and control units to control the
self refresh cycle automatically according to the two temperature range ; Max. 40
°C, Max. 70 °C.
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR is ignored.
Temperature Range
Self Refresh Current (Icc 6)
Unit
Full Array
1/2 of Full Array
1/4 of Full Array
Max. 40
°C
400
320
280
uA
Max. 70
°C
900
600
500
Internal Temperature Compensated Self Refresh (TCSR)
1. Apply power and attempt to maintain CKE at a high state and all other inputs may be undefined.
- Apply VDD before or at the same time as VDDQ.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
6. Issue a extended mode register set command to define DS or PASR operating type of the device after normal MRS.
EMRS cycle is not mandatory and the EMRS command needs to be issued only when DS or PASR is used.
The default state without EMRS command issued is the half driver strength and full array refreshed.
The device is now ready for the operation selected by EMRS.
For operating with DS or PASR , set DS or PASR mode in EMRS setting stage.
In order to adjust another mode in the state of DS or PASR mode, additional EMRS set is required but power up sequence is not
needed again at this time. In that case, all banks have to be in idle state prior to adjusting EMRS set.


Similar Part No. - K4S51323PF-MEF90

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S513233F SAMSUNG-K4S513233F Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F1H SAMSUNG-K4S513233F-F1H Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F1L SAMSUNG-K4S513233F-F1L Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F75 SAMSUNG-K4S513233F-F75 Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-L SAMSUNG-K4S513233F-L Datasheet
143Kb / 12P
   Mobile SDRAM
More results

Similar Description - K4S51323PF-MEF90

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D5123216A ESMT-M53D5123216A Datasheet
1Mb / 47P
   4M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233E SAMSUNG-K4M513233E Datasheet
140Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M51323LE-M SAMSUNG-K4M51323LE-M Datasheet
141Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
logo
Elite Semiconductor Mem...
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com