Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S51323PF-MEF90 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4S51323PF-MEF90
Description  4M x 32Bit x 4 Banks Mobile-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S51323PF-MEF90 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4S51323PF-MEF90 Datasheet HTML 3Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 4Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 5Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 6Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 7Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 8Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 9Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 10Page - Samsung semiconductor K4S51323PF-MEF90 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
K4S51323PF-M(E)F
September 2004
7
Mobile-SDRAM
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
NOTES:
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next
higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
Parameter
Symbol
Version
Unit
Note
-75
-90
-1L
Row active to row active delay
tRRD(min)
15
18
18
ns
1
RAS to CAS delay
tRCD(min)
22.5
24
27
ns
1
Row precharge time
tRP(min)
22.5
24
27
ns
1
Row active time
tRAS(min)
50
50
50
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
72.5
74
77
ns
1
Last data in to row precharge
tRDL(min)
15
ns
2
Last data in to Active delay
tDAL(min)
tRDL + tRP
-
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Auto refresh cycle time
tARFC(min)
80
ns
Exit self refresh to active command
tSRFX(min)
120
ns
Col. address to col. address delay
tCCD(min)
1
CLK
3
Number of valid output data
CAS latency=3
2
ea
4
Number of valid output data
CAS latency=2
1
Number of valid output data
CAS latency=1
-
0


Similar Part No. - K4S51323PF-MEF90

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S513233F SAMSUNG-K4S513233F Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F1H SAMSUNG-K4S513233F-F1H Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F1L SAMSUNG-K4S513233F-F1L Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F75 SAMSUNG-K4S513233F-F75 Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-L SAMSUNG-K4S513233F-L Datasheet
143Kb / 12P
   Mobile SDRAM
More results

Similar Description - K4S51323PF-MEF90

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D5123216A ESMT-M53D5123216A Datasheet
1Mb / 47P
   4M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233E SAMSUNG-K4M513233E Datasheet
140Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M51323LE-M SAMSUNG-K4M51323LE-M Datasheet
141Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
logo
Elite Semiconductor Mem...
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com