Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ15A Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # 5.0SMDJ15A
Description  5.0-170 Volts Peak pulse power: 5000 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

5.0SMDJ15A Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  5.0SMDJ15A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 5.0SMDJ15A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 5.0SMDJ15A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5.0SMDJ series
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage: 5.0-170 Volts
Peak pulse power: 5000 Watts
FEATURE
MECHANICAL DATA
MAXIMUM RATINGS AND CHARACTERISTICS
APPLICATIONS
Peak pulse power dissipation at 10/1000μs waveform
(Note1, Note2 )
PPPM
5000
Watts
Maximum Instantaneous Forward Voltage at
VF
5.0
Voltage
Steady state power dissipation at TA=50℃
PM(AV)
6.5
Watts
Peak forward surge current, 8.3ms single half sine-wave
superimposed on rated load, (JEDEC Method) (Note3 )
IFSM
300
Amps
Operating junction and Storage Temperature Range.
TJ,TSTG
-65 to +150
R
d
a
e
l
o
t
n
o
it
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
θJL
15
/W
R
t
n
e
i
b
m
a
o
t
n
o
it
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
θJA
75
/W
Notes:
Ratings at 25℃ ambient temperature unless otherwise specified.
I/O interface
AC/DC power supply
Low frequency signal transmission line (RS232, RS485, etc.)
For surface mounted applications in order to optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
5000Wpeak pulse power capability at 10×1000μs waveform,
repetition rate (duty cycle): 0.01%
Fast response time
Typical IR less than 5μA above 22V
High Temperature soldering: 260 /10 seconds at terminals
Plastic package has underwriters laboratory flammability 94V-0
Case: JEDEC DO-214AB. Molded plastic over glass passivated junction
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode except bi-directional models
Dimensions in inches and (millimeters)
0.280(7.11)
0.260(6.60)
0.245(6.22)
0.220(5.59)
DO-214AB/SMC
0.126 (3.20)
0.114 (2.90)
0.060(1.52)
0.030(0.76)
0.320(8.13)
0.305(7.75)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.103(2.62)
0.079(2.06)
100A for Unidirectional only
1. Non-repetitive current pulse , per Fig. 3 and derated above T
A = 25
O
C per Fig. 2.
2. Mounted on copper pad area of 0.31x0.31” (8.0 x 8.0mm) to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only,duty cycle=4 per minute maximum.


Similar Part No. - 5.0SMDJ15A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5.0SMDJ15A YFWDIODE-5.0SMDJ15A Datasheet
655Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 5000Watts
logo
MDE Semiconductor, Inc.
5.0SMDJ15A MDE-5.0SMDJ15A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
5.0SMDJ15A GWSEMI-5.0SMDJ15A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
5.0SMDJ15A LUGUANG-5.0SMDJ15A Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Alpha & Omega Semicondu...
5.0SMDJ15A AOSMD-5.0SMDJ15A Datasheet
702Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.2.2 July 2021
More results

Similar Description - 5.0SMDJ15A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SMDJ CHENDA-SMDJ Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
P4SMAFJ8.5A CHENDA-P4SMAFJ8.5A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Chenmko Enterprise Co. ...
5KP CHENMKO-5KP Datasheet
106Kb / 4P
   VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Pan Jit International I...
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com