Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL310BF Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SL310BF
Description  100 Volts Forward Current -3.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SL310BF Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SL310BF Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SL310BF Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SL310BF
Fig.1 Forward Current Derating Curve
0.5
1.0
1.5
2.0
2.5
3.0
0.0
25
50
75
100
125
150
Single phase half-wave 60 Hz
resistive or inductive load
3.5
Fig.4 Typical Junction Capacitance
Reverse Voltage (V)
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
0.1
0
0.5
1
10
1.0
1.5
2.0
20
10
0.1
10
100
500
20
100
1
1000
T =25
J
°C
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
20
40
60
00
80
100
SL 310B
Single phase half wave resistive
or inductive P.C.B mounted on
0.5×0.5"(12.7
)
×12.7mm pad areas
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
T =25
J
°C
T =100
J
°C
Percent of Rated Peak Reverse Voltage
(%)
100
101
10 2
10 3
10 5
Lead Temperature (
°C)
10 4
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
F


Similar Part No. - SL310BF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SL310B GOOD-ARK-SL310B Datasheet
210Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Microdiode Electronics ...
SL310B CHENDA-SL310B Datasheet
192Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SL310B MCC-SL310B Datasheet
423Kb / 3P
   3 Amp Low VF Schottky Rectifier 40~100 Volts
logo
Galaxy Semi-Conductor H...
SL310B BILIN-SL310B Datasheet
598Kb / 4P
   Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SL310B CHENDA-SL310B Datasheet
988Kb / 3P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results

Similar Description - SL310BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SL510BF CHENDA-SL510BF Datasheet
861Kb / 2P
   100 Volts Forward Current -
SL210BF CHENDA-SL210BF Datasheet
881Kb / 2P
   100 Volts Forward Current -
B16WS CHENDA-B16WS Datasheet
630Kb / 2P
   60 Volts Forward Current - 1.0 Ampere
logo
Rectron Semiconductor
KSLDB3100S RECTRON-KSLDB3100S Datasheet
136Kb / 8P
   VOLTAGE 100 Volts CURRENT 3.0 Ampere SCHOTTKY BARRIER RECTIFIER
2018-09 REV:O
logo
First Silicon Co., Ltd
SB520 FS-SB520 Datasheet
321Kb / 2P
   Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
ABS34 FS-ABS34 Datasheet
283Kb / 2P
   Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 3.0 Ampere
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Microdiode Electronics ...
MBRF820 CHENDA-MBRF820 Datasheet
622Kb / 2P
   20 to 100 Volts Forward Current -
MBR2020CT CHENDA-MBR2020CT Datasheet
621Kb / 2P
   20 to 100 Volts Forward Current -
logo
Continental Device Indi...
ER300 CDIL-ER300 Datasheet
483Kb / 2P
   VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com