Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV256-20JI Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IS61LV256-20JI
Description  32K X 8 LOW VOLTAGE CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV256-20JI Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

  IS61LV256-20JI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV256-20JI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV256-20JI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV256-20JI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV256-20JI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV256-20JI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV256-20JI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV256-20JI Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IS61LV256
6
Integrated Circuit Solution Inc.
SR004-0D
AC WAVE.ORMS
WRITE CYCLE NO. 1(CE Controlled, OE is HIGH or LOW) (1 )
DATA UNDEFINED
t WC
VALID ADDRESS
t SCE
t PWE1
t PWE2
t AW
t HA
HIGH-Z
t HD
t SA
t HZWE
ADDRESS
CE
WE
DOUT
DIN
DATAIN VALID
t LZWE
t SD
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
-20 ns
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tWC
Write Cycle Time
8
—
10 —
12 —
15 —
20 —
ns
tSCE
CE to Write End
7
—
8
—
8
—
10 —
12 —
ns
tAW
Address Setup Time
7
—
8
—
8
—
10 —
12 —
ns
to Write End
tHA
Address Hold
0
—
0
—
0
—
0
—
0
—
ns
from Write End
tSA
Address Setup Time
0
—
0
—
0
—
0
—
0
—
ns
tPWE1 WE Pulse Width(OE High)
7
—
10 —
12 —
15 —
20 —
ns
tPWE2 WE Pulse Width(OE Low)
6.5 —
7
—
8
—
10 —
12 —
ns
tSD
Data Setup to Write End
4.5 —
5
—
6
—
7
—
10 —
ns
tHD
Data Hold from Write End
0
—
0
—
0
—
0
—
0
—
ns
tHZWE! WE LOW to High-Z Output
— 3.5
—
4
—
6
—
7
—
7
ns
tLZWE! WE HIGH to Low-Z Output
0
—
0
—
0
—
0
—
0
—
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse
levels of 0 to 3.0V and output loading specified in .igure 1.
2. The internal write time is defined by the overlap of CE LOW and WE LOW. All signals must be in valid
states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and
Hold timing are referenced to the rising or falling edge of the signal that terminates the Write.
3. Tested with the load in .igure 2. Transition is measured ±500 mV from steady-state voltage. Not 100%
tested.


Similar Part No. - IS61LV256-20JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV256-20J ISSI-IS61LV256-20J Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV256-20JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com