Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S51323PF-MF90 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4S51323PF-MF90
Description  4M x 32Bit x 4 Banks Mobile-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S51323PF-MF90 Datasheet(HTML) 1 Page - Samsung semiconductor

  K4S51323PF-MF90 Datasheet HTML 1Page - Samsung semiconductor K4S51323PF-MF90 Datasheet HTML 2Page - Samsung semiconductor K4S51323PF-MF90 Datasheet HTML 3Page - Samsung semiconductor K4S51323PF-MF90 Datasheet HTML 4Page - Samsung semiconductor K4S51323PF-MF90 Datasheet HTML 5Page - Samsung semiconductor K4S51323PF-MF90 Datasheet HTML 6Page - Samsung semiconductor K4S51323PF-MF90 Datasheet HTML 7Page - Samsung semiconductor K4S51323PF-MF90 Datasheet HTML 8Page - Samsung semiconductor K4S51323PF-MF90 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
K4S51323PF-M(E)F
September 2004
1
Mobile-SDRAM
• 1.8V power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
-. CAS latency (1, 2 & 3).
-. Burst length (1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
• EMRS cycle with address key programs.
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation.
• Special Function Support.
-. PASR (Partial Array Self Refresh).
-. Internal TCSR (Temperature Compensated Self Refresh)
-. DS (Driver Strength)
• DQM for masking.
• Auto refresh.
• 64ms refresh period (8K cycle).
• Commercial Temperature Operation (-25
°C ~ 70°C).
• 2Chips DDP 90Balls FBGA( -MXXX -Pb, -EXXX -Pb Free).
FEATURES
The K4S51323PF is 536,870,912 bits synchronous high data
rate Dynamic RAM organized as 4 x 4,196,304 words by 32 bits,
fabricated with SAMSUNG’s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock and I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst lengths and programmable latencies allow the same
device to be useful for a variety of high bandwidth and high per-
formance memory system applications.
GENERAL DESCRIPTION
ORDERING INFORMATION
- M(E)F : Low Power, Commercial Temperature(-25
°C ~ 70°C)
Notes :
1. In case of 40MHz Frequency, CL1 can be supported.
2. Samsung are not designed or manufactured for use in a device or system that is used under circumstance in which human life is
potentially at stake. Please contact to the memory marketing team in samsung electronics when considering the use of a product
contained herein for any specific purpose, such as medical, aerospace, nuclear, military, vehicular or undersea repeater use.
Part No.
Max Freq.
Interface
Package
K4S51323PF-M(E)F75
133MHz(CL=3),83MHz(CL=2)
LVCMOS
90 FBGA Pb
(Pb Free)
K4S51323PF-M(E)F90
111MHz(CL=3),83MHz(CL=2)
K4S51323PF-M(E)F1L
111MHz(CL=3)*1,66MHz(CL2)
4M x 32Bit x 4 Banks Mobile-SDRAM
Address configuration
Organization
Bank
Row
Column Address
16Mx32
BA0,BA1
A0 - A12
A0 - A8


Similar Part No. - K4S51323PF-MF90

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S513233F SAMSUNG-K4S513233F Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F1H SAMSUNG-K4S513233F-F1H Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F1L SAMSUNG-K4S513233F-F1L Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F75 SAMSUNG-K4S513233F-F75 Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-L SAMSUNG-K4S513233F-L Datasheet
143Kb / 12P
   Mobile SDRAM
More results

Similar Description - K4S51323PF-MF90

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D5123216A ESMT-M53D5123216A Datasheet
1Mb / 47P
   4M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233E SAMSUNG-K4M513233E Datasheet
140Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M51323LE-M SAMSUNG-K4M51323LE-M Datasheet
141Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
logo
Elite Semiconductor Mem...
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com