Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ8K Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # GBJ8K
Description  8.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GBJ8K Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GBJ8K Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GBJ8K Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics (per element)
F
T= 25 C
j
°
0
40
80
120
160
180
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
T = 150 C
j
°
Single half-sine-wave
10
100
1
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance (per element)
R
f = 1MHz
T= 25 C
j
°
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T= 50 C
j
°
T = 125 C
j
°
T = 100 C
j
°
T= 25 C
j
°
0
2
4
25
50
75
100
125
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
8
6
With heatsink
Without heatsink
Resistive or
Inductive load
GBJ8A - GBJ8M
www.senocn.com
GBJ8A - GBJ8M
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
Alldatasheet


Similar Part No. - GBJ8K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ8K PANJIT-GBJ8K Datasheet
120Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
First Silicon Co., Ltd
GBJ8K FS-GBJ8K Datasheet
202Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
logo
Won-Top Electronics
GBJ8K WTE-GBJ8K Datasheet
61Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBJ8K PANJIT-GBJ8K Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJ8K SECOS-GBJ8K Datasheet
213Kb / 2P
   -8 .0 AMP Glass Passivated Bridge Rectifiers
More results

Similar Description - GBJ8K

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GBU8005 LUGUANG-GBU8005 Datasheet
76Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005_1 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
GBU8005 DIODES-GBU8005 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
DONGGUAN YOU FENG WEI E...
GBU801G YFWDIODE-GBU801G Datasheet
543Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HBS805 ZSELEC-HBS805 Datasheet
119Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBJ801 YFWDIODE-KBJ801 Datasheet
540Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS8005M ZSELEC-RS8005M Datasheet
127Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU800G WTE-KBU800G Datasheet
43Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ8A ZSELEC-KBJ8A Datasheet
127Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
TT8A ZSELEC-TT8A Datasheet
119Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ8005 DIODES-GBJ8005 Datasheet
64Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21217 Rev. D-2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com