Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0430610004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0430610004
Description  3.96mm Pitch SPOX Housing, 4 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0430610004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0430610004_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/19/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0430610004
Status:
Active
Overview:
SPOX Connector System
Description:
3.96mm Pitch SPOX Housing, 4 Circuits
Documents:
3D Model
Packaging Specification PK-43061-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
43061
Application
Power, Wire-to-Board
Comments
Glow Wire Equivalent Part Number 43061-3004
Overview
SPOX Connector System
Product Name
SPOX
UPC
800754376983
Physical
Breakaway
No
Circuits (maximum)
4
Circuits Detail
4
Color - Resin
Natural
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
1.341/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
0°C to +75°C
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43061-001-001
Sales Drawing
SD-43061
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
43061 Series
Mates With
3.96mm Pitch KK or SPOX headers
Use With
SPOX Terminal 5194 , 5225
This document was generated on 10/19/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0430610004_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430610004 MOLEX5-0430610004 Datasheet
160Kb / 3P
   3.96mm (.156") Pitch SPOX??Housing, 4 Circuits
More results

Similar Description - 0430610004_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430610015 MOLEX1-0430610015_17 Datasheet
31Kb / 1P
   3.96mm Pitch SPOX Housing, 4 Circuits
43061-0004 MOLEX11-43061-0004 Datasheet
39Kb / 1P
   3.96mm Pitch SPOX??Housing, 4 Circuits
43061-0015 MOLEX11-43061-0015 Datasheet
38Kb / 1P
   3.96mm Pitch SPOX??Housing, 4 Circuits
0430610015 MOLEX5-0430610015 Datasheet
160Kb / 3P
   3.96mm (.156") Pitch SPOX??Housing, 4 Circuits
0430610004 MOLEX5-0430610004 Datasheet
160Kb / 3P
   3.96mm (.156") Pitch SPOX??Housing, 4 Circuits
43061-0007 MOLEX11-43061-0007 Datasheet
39Kb / 1P
   3.96mm Pitch SPOX??Housing, 7 Circuits
43061-0021 MOLEX11-43061-0021 Datasheet
38Kb / 1P
   3.96mm Pitch SPOX??Housing, 10 Circuits
43061-0023 MOLEX11-43061-0023 Datasheet
38Kb / 1P
   3.96mm Pitch SPOX??Housing, 12 Circuits
0430610014 MOLEX1-0430610014_17 Datasheet
31Kb / 1P
   3.96mm Pitch SPOX Housing, 3 Circuits
0430610019 MOLEX1-0430610019_17 Datasheet
31Kb / 1P
   3.96mm Pitch SPOX Housing, 8 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com