Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECT25S40SM2CR Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # ECT25S40SM2CR
Description  4M BIT SPI NOR FLASH
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40SM2CR Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button ECT25S40SM2CR Datasheet HTML 6Page - E-CMOS Corporation ECT25S40SM2CR Datasheet HTML 7Page - E-CMOS Corporation ECT25S40SM2CR Datasheet HTML 8Page - E-CMOS Corporation ECT25S40SM2CR Datasheet HTML 9Page - E-CMOS Corporation ECT25S40SM2CR Datasheet HTML 10Page - E-CMOS Corporation ECT25S40SM2CR Datasheet HTML 11Page - E-CMOS Corporation ECT25S40SM2CR Datasheet HTML 12Page - E-CMOS Corporation ECT25S40SM2CR Datasheet HTML 13Page - E-CMOS Corporation ECT25S40SM2CR Datasheet HTML 14Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Status Register Protect Table
Table 5. Status Register protect table
Notes:
1.When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
2.The One time Programfeature is available upon special order.
Write Protect Features
1.Software Protection: The Block
Protect (SEC, TB, BP2, BP1, BP0) bits define the section of the
memory array that can be read but not change.
2.Hardware Protection: /WP going low to protected the BP0~SEC bits and SRP0~1 bits.
3.Deep Power-Down: In Deep Power-Down Mode,all instructions are ignored except the Release from
deep Power-Down Mode instruction.
4.Write Enable: The Write Enable Latch(WEL) bit must be set prior to every Page Program, Sector Erase,
Block Erase, Chip Erase, Write Status Register and Erase/Program Security Registers instruction.
SRP1
SRP0
/WP
Status Register
Description
0
0
X
Software
Protected
The Status Register can be written to after a Write
Enable instruction, WEL=1.(Factory Default)
0
1
0
Hardware
Protected
/WP=0, the Status Register locked and cannot be
written.
0
1
1
Hardware
Unprotected
/WP=1, the Status Register is unlocked and can be
written to after a Write Enable instruction, WEL=1.
1
0
X
Power Supply
Lock-Down(1)
Status Register is protected and cannot be written
to again until the next Power-Down, Power-Up
cycle.
1
1
X
One Time
Program(2)
Status Register is permanently protected and
cannot be written to.


Similar Part No. - ECT25S40SM2CR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECT25S16 E-CMOS-ECT25S16 Datasheet
2Mb / 45P
   16M BIT SPI NOR FLASH
ECT25S32 E-CMOS-ECT25S32 Datasheet
2Mb / 44P
   32M BIT SPI NOR FLASH
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
ECT25S80LM1CR E-CMOS-ECT25S80LM1CR Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
ECT25S80LM2CR E-CMOS-ECT25S80LM2CR Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
More results

Similar Description - ECT25S40SM2CR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QA400G ACE-ACE25QA400G Datasheet
1Mb / 30P
   4M BIT SPI NOR FLASH
VER 1.3
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
ACE Technology Co., LTD...
ACE25QA200.400G ACE-ACE25QA200.400G Datasheet
2Mb / 32P
   2/4M BIT SPI NOR FLASH
VER 1.1
ACE25Q400G ACE-ACE25Q400G Datasheet
1Mb / 46P
   4M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
   16M BIT SPI NOR FLASH
VER 1.1
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
   64M BIT SPI NOR FLASH
VER 1.1
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
   8M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com