Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECT25S40 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # ECT25S40
Description  4M BIT SPI NOR FLASH
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40 Datasheet(HTML) 5 Page - E-CMOS Corporation

  ECT25S40 Datasheet HTML 1Page - E-CMOS Corporation ECT25S40 Datasheet HTML 2Page - E-CMOS Corporation ECT25S40 Datasheet HTML 3Page - E-CMOS Corporation ECT25S40 Datasheet HTML 4Page - E-CMOS Corporation ECT25S40 Datasheet HTML 5Page - E-CMOS Corporation ECT25S40 Datasheet HTML 6Page - E-CMOS Corporation ECT25S40 Datasheet HTML 7Page - E-CMOS Corporation ECT25S40 Datasheet HTML 8Page - E-CMOS Corporation ECT25S40 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
VSS Ground
VSS is the reference for the VCC supply voltage.
Block/Sector Addresses
Table 2. Block/Sector Addresses of ECT25S40
Notes:
1.Block = Uniform Block, and the size is 64K bytes.
2.Half block = Half Uniform Block, and the size is 32k bytes.
3.Sector = Uniform Sector, and the size is 4K bytes.
Memory
Density
Block(64k
byte)
Block(32k
byte)
Sector No.
Sector
Size(KB)
Address range
4Mbit
Block 0
Half block
0
Sector 0
4
000000h-000FFFh
Sector 7
4
007000h-007FFFh
Half block
1
Sector 8
4
008000h-008FFFh
4
Sector 15
4
00F000h-00FFFFh
Block 1
Half block
2
Sector 16
4
010000h-010FFFh
Sector 23
4
017000h-017FFFh
Half block
3
Sector 24
4
018000h-018FFFh
Sector 31
4
01F000h-01FFFFh
Block 6
Half block
12
Sector 96
4
060000h-060FFFh
Sector 103
4
067000h-067FFFh
Half block
13
Sector 104
4
068000h-068FFFh
Sector 111
4
06F000h-06FFFFh
Block 7
Half block
14
Sector 112
4
070000h-070FFFh
Sector 119
4
077000h-077FFFh
Half block
15
Sector 120
4
078000h-078FFFh
Sector 127
4
07F000h-07FFFFh


Similar Part No. - ECT25S40

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECT25S16 E-CMOS-ECT25S16 Datasheet
2Mb / 45P
   16M BIT SPI NOR FLASH
ECT25S32 E-CMOS-ECT25S32 Datasheet
2Mb / 44P
   32M BIT SPI NOR FLASH
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
ECT25S80LM1CR E-CMOS-ECT25S80LM1CR Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
ECT25S80LM2CR E-CMOS-ECT25S80LM2CR Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
More results

Similar Description - ECT25S40

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QA400G ACE-ACE25QA400G Datasheet
1Mb / 30P
   4M BIT SPI NOR FLASH
VER 1.3
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
ACE Technology Co., LTD...
ACE25QA200.400G ACE-ACE25QA200.400G Datasheet
2Mb / 32P
   2/4M BIT SPI NOR FLASH
VER 1.1
ACE25Q400G ACE-ACE25Q400G Datasheet
1Mb / 46P
   4M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
   16M BIT SPI NOR FLASH
VER 1.1
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
   64M BIT SPI NOR FLASH
VER 1.1
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
   8M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com