Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3101A36-10PY Datasheet(PDF) 1 Page - DDK Ltd.

Part # DMS3101A36-10PY
Description  MIL-DTL-5015 Style Circular Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3101A36-10PY Datasheet(HTML) 1 Page - DDK Ltd.

  DMS3101A36-10PY Datasheet HTML 1Page - DDK Ltd. DMS3101A36-10PY Datasheet HTML 2Page - DDK Ltd. DMS3101A36-10PY Datasheet HTML 3Page - DDK Ltd. DMS3101A36-10PY Datasheet HTML 4Page - DDK Ltd. DMS3101A36-10PY Datasheet HTML 5Page - DDK Ltd. DMS3101A36-10PY Datasheet HTML 6Page - DDK Ltd. DMS3101A36-10PY Datasheet HTML 7Page - DDK Ltd. DMS3101A36-10PY Datasheet HTML 8Page - DDK Ltd. DMS3101A36-10PY Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
D/MS A/B Series
MIL-DTL-5015 Style Circular Connectors
161004
Lock Type
Threaded
Coupling
◆ CONFORMING STANDARD
Conforming
Standard
MIL-DTL-5015
D/MS A/B series is compatible with MIL-DTL-5015 and
a soldering termination connector.
A various combination of the plugs, receptacles and
accessories is also available and can be used for cable-
to -cable usage and cable-to-panel usage.
D/MS A/B series is provided with 12 kinds of shell sizes
from 10SL to 36, 5 kinds of contact size from #16 to #0
and 73 kinds of insert arrangements to accommodate a
wide variety of applications.
FEATURES
Aerospace, Machine Tool, Measurement Equipment, Communication Equipment and Other Industrial Equipment
●The barriers are placed between each contact on the insert to extend the creepage
distance for the improvement of dielectric withstanding voltage characteristic.
●Each of the plug shells and the receptacle shells can apply to both of the pin insert
assemblies and the socket insert assemblies respectively excluding shell size 10SL.
●A combination of the sockets for input and pin for output is recommended since
D/MS A/B series is often used for high voltage equipment to prevent from any accidents.
●The plug shell has a key way and the receptacle shell has a key. The key will be inserted into the
key way before the contacts are mated. The insert is rotated within the shell from standard key way
and 4 kinds of alternate insert positions, W, X, Y and Z are available to avoid cross–plugging
problem in applications requiring the use of more than one connector of the same size and
arrangement.
●The solder cups in the insert assembly face in same direction to solder cables easier.
●The surface of shells is coated with zinc plating and finished with trivalent chromium treatment(*) in
color black to conform to RoHS directives. (* : Cadmium plating and Olive Drab color is MIL- DTL-
5015 specification). The conventional DMS series in Olive Drab color is also available upon your
request.
MIL-DTL-5015 Class A and B
APPLICATIONS
OUTLINE
Barrier
DDK
Other Manufacture's
◆ SAFETY STANDARD
UL, C-UL Approved: File Number E72124


Similar Part No. - DMS3101A36-10PY

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3101E10SL DDK-DMS3101E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
DMS3101E10SL-29PBSL-0 DDK-DMS3101E10SL-29PBSL-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3101E10SL-29PBSL-1 DDK-DMS3101E10SL-29PBSL-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3101E10SL-29PBSL-2 DDK-DMS3101E10SL-29PBSL-2 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3101E10SL-29PBSN-0 DDK-DMS3101E10SL-29PBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3101A36-10PY

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
10-597107-171 AMPHENOL-10-597107-171 Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com