Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC95808NXXC1NR Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC95808NXXC1NR
Description  Ultra-Low Quiescent Current Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC95808NXXC1NR Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC95808NXXC1NR Datasheet HTML 1Page - E-CMOS Corporation EC95808NXXC1NR Datasheet HTML 2Page - E-CMOS Corporation EC95808NXXC1NR Datasheet HTML 3Page - E-CMOS Corporation EC95808NXXC1NR Datasheet HTML 4Page - E-CMOS Corporation EC95808NXXC1NR Datasheet HTML 5Page - E-CMOS Corporation EC95808NXXC1NR Datasheet HTML 6Page - E-CMOS Corporation EC95808NXXC1NR Datasheet HTML 7Page - E-CMOS Corporation EC95808NXXC1NR Datasheet HTML 8Page - E-CMOS Corporation EC95808NXXC1NR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EC95808
Ultra-Low Quiescent Current Voltage Detector
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 14
4F17N Rev. F001
General Description
The EC95808 series are highly accurate, ultra-low current
consumption voltage detectors, developed by CMOS process.
Two output forms N-channel open-drain and CMOS output are
available.The device is ideal for battery powered portable devices
which require low current consumption.
The EC95808 consists of a comparator, a voltage reference unit,
a resistor divider, an output driver, and a hysteresis circuit. The
detection voltage is fixed internally with ±2.0% accuracy by
advanced trimming technology.
The devices are available in SOT23-3L,SC82-4L and
SC70-3L packages.
Features
● Ultra-Low Quiescent Current 1.0 µA (Typ.)
● High Accuracy of Detection Voltage ±2%
● Hysteresis Width 5% VDET (Typ.)
● Detection Voltage 1.6V to 6.0V (0.1V Step)
● Operating Voltage Range 1.5V to 6.0V
● N-ch Open Drain and CMOS Output
● SOT23-3L, SC82-4Land SC70-3L Packages
● RoHS Compliant and 100% Lead (Pb)-Free
and Green (Halogen Free with Commercial
Standard)
Applications
Microprocessor Reset Circuitry
Memory Battery Back-up Circuits
Power-on Reset Circuits
Power Failure Detection
System Battery Life and Charge Voltage Monitors
Typical Application Circuit
Ordering Information
EC95808 X
XX X X X R
Detection Voltage Code(Exam.)
16=1.6V
17=1.7V
18=1.8V
Pin T ype: SC82-4L: I/S
N:Normal
Vo ut t yp e:
N=N-ch Ope n dr ain
C=C MOS
Circuit Type
R:Tape & Reel
Package Type:
B1=SOT23-3L
C1=SC70-3L
C7=SC82-4L


Similar Part No. - EC95808NXXC1NR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
EC95809NJB1R E-CMOS-EC95809NJB1R Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
EC95809NLB1R E-CMOS-EC95809NLB1R Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
EC95809NMB1R E-CMOS-EC95809NMB1R Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
EC95809NRB1R E-CMOS-EC95809NRB1R Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
More results

Similar Description - EC95808NXXC1NR

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7700 NJRC-NJU7700 Datasheet
32Kb / 4P
   low quiescent current voltage detector
logo
Fitipower Integrated Te...
FP6802 FITIPOWER-FP6802 Datasheet
350Kb / 6P
   High-Precision Voltage Detector with Ultra-Low Quiescent Current
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
   Ultra-low Quiescent Current
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Infineon Technologies A...
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com