Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC95809NLB1R Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC95809NLB1R
Description  3-Pin Microprocessor Reset Monitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC95809NLB1R Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC95809NLB1R Datasheet HTML 1Page - E-CMOS Corporation EC95809NLB1R Datasheet HTML 2Page - E-CMOS Corporation EC95809NLB1R Datasheet HTML 3Page - E-CMOS Corporation EC95809NLB1R Datasheet HTML 4Page - E-CMOS Corporation EC95809NLB1R Datasheet HTML 5Page - E-CMOS Corporation EC95809NLB1R Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
4J20N-Rev.F003
3-Pin Microprocessor Reset Monitor
EC95809
Marking Information(TO92-3L)
Device
Voltage
Detection
Marking
Information
Package
Type
Remarks
EC95809NZA6R
2.30V
809Zf
TO92-3L
1.
Starting with underlined 0, a bar is
for production year 2012. The next bar is
mark on top of 9 is for year 2013. The
next bar is mark on bottom of 9 is for
year 2014. The next bar is mark on top of
Z is year for 2015. The naming pattern
continues with consecutive characters
for later years.
2.
f is the week of production. The big
character of A~Z is for the week of 1~26,
and small a~z is for the week of 27~52.
Absolute Maximum Ratings
(1)
Parameter
Symbol
Value
Units
Input Voltage
VCC
5.5
V
Output Voltage
RESET
-0.3 to (VCC + 0.3)
V
Input Current
20
mA
Output Current
IOUT
20
mA
Power Dissipation
PD
Internally Limited
(3)
Output Short Circuit Duration
Infinite
Thermal Resistance, Junction-to-Ambient
Θ
JA
230
°C/W
Operating Temperature Range
TA
-40 ~ 85
Lead Temperature (Soldering, 10 sec.)
260
°C
Junction Temperature
TJ
0 to +125
°C
Storage Temperature
TS
-60 to +150
°C
Operating Rating
(2)
Parameter
Symbol
Value
Units
Supply Input Voltage
VCC
+2.0V to +5.5
V
Junction Temperature
TJ
0 to +125
°C


Similar Part No. - EC95809NLB1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
EC95808CXXB1NR E-CMOS-EC95808CXXB1NR Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
EC95808CXXC1NR E-CMOS-EC95808CXXC1NR Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
EC95808CXXC7IR E-CMOS-EC95808CXXC7IR Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
EC95808CXXC7SR E-CMOS-EC95808CXXC7SR Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
More results

Similar Description - EC95809NLB1R

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1921 YOBON-YB1921 Datasheet
149Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE810 SEAWARD-SE810 Datasheet
209Kb / 6P
   3-Pin Microprocessor Reset Monitor
SE809 SEAWARD-SE809 Datasheet
184Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
List of Unclassifed Man...
CYT809 ETC2-CYT809 Datasheet
170Kb / 4P
   3-Pin Microprocessor Reset Monitor (Preliminary)
logo
Seaward Electronics Inc...
SE811 SEAWARD-SE811 Datasheet
235Kb / 8P
   4-Pin Microprocessor Reset Monitor
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com