Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC5821NNB2R Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC5821NNB2R
Description  10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5821NNB2R Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC5821NNB2R Datasheet HTML 2Page - E-CMOS Corporation EC5821NNB2R Datasheet HTML 3Page - E-CMOS Corporation EC5821NNB2R Datasheet HTML 4Page - E-CMOS Corporation EC5821NNB2R Datasheet HTML 5Page - E-CMOS Corporation EC5821NNB2R Datasheet HTML 6Page - E-CMOS Corporation EC5821NNB2R Datasheet HTML 7Page - E-CMOS Corporation EC5821NNB2R Datasheet HTML 8Page - E-CMOS Corporation EC5821NNB2R Datasheet HTML 9Page - E-CMOS Corporation EC5821NNB2R Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
10MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5821
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 6 of 11
Figure 8. Low Pass Active Filter
Sallen-Key 2nd Order Active Low-Pass Filter
EC5731 can be used to form a 2 nd order Sallen-Key active low-pass filter as shown in Figure 9. The transfer
function from VIN to VOUT is given by
Where the DC gain is defined by ALP=1+R3/R4, and the corner frequency is given by
The pole quality factor is given by
Let R1=R2=R and C1=C2=C, the corner frequency and the pole quality factor can be simplified as below
And Q=2-R3/R4
Figure 9. Sanllen-Key 2nd Order Active Low-Pass Filter


Similar Part No. - EC5821NNB2R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5822 E-CMOS-EC5822 Datasheet
539Kb / 12P
   10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5822NNM1R E-CMOS-EC5822NNM1R Datasheet
539Kb / 12P
   10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5822NNR1R E-CMOS-EC5822NNR1R Datasheet
539Kb / 12P
   10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
More results

Similar Description - EC5821NNB2R

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPMCP6022T-ISN TECHPUBLIC-TPMCP6022T-ISN Datasheet
3Mb / 5P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
2021.6.15
logo
E-CMOS Corporation
EC5822 E-CMOS-EC5822 Datasheet
539Kb / 12P
   10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
   Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com