Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C18 Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # BZX55C18
Description  2.4- 1 8 0V Peak Pulse Power: 500mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

BZX55C18 Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  BZX55C18 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZX55C18 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZX55C18 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
500
400
300
200
100
0
0
50
100
150
200
250
50
40
30
20
10
0
5
10
15
20
25
30
mA
Breakdown characteristics
Test Current
Iz=5mA
V
RATINGS AND CHARACTERISTIC CURVES BZX55-SERIES
Vz,ZENER VOLTAGE,volts
Admissible power dissipation versus ambient temperature
Valid provided that leads are kept at ambient temperature at a distance of 10mm from case
AMBIENT TEMPERATURE, C
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - BZX55C18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C18 VISHAY-BZX55C18 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Continental Device Indi...
BZX55C18 CDIL-BZX55C18 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
BZX55C18 ZSELEC-BZX55C18 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
First Components Intern...
BZX55C18 FCI-BZX55C18 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Shenzhen Luguang Electr...
BZX55C18 LUGUANG-BZX55C18 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C18

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVS0871P FS-FTVS0871P Datasheet
349Kb / 4P
   1800W peak pulse power (8/20μs)
2021. 10. 01 Revision No : 0
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
   200W peak pulse power (tp =8/20μs)
PESD24VL1BA UMW-PESD24VL1BA Datasheet
204Kb / 4P
   300W peak pulse power (tp = 8/20μs)
PESD5V0V1BB UMW-PESD5V0V1BB Datasheet
419Kb / 4P
   90Watts peak pulse power (tp =8/20μs)
logo
First Silicon Co., Ltd
FTVS0571P FS-FTVS0571P Datasheet
326Kb / 4P
   1200W peak pulse power (8/20 us)
2022. 03. 02 Revision No : 1
logo
Guangdong Youtai Semico...
PESD24VL2BT UMW-PESD24VL2BT Datasheet
284Kb / 3P
   280W peak pulse power (tp= 8/20μs)
PESD3V3L1BA UMW-PESD3V3L1BA Datasheet
401Kb / 4P
   480W peak pulse power (tp =8/20μs)
PESD3V3V1BCSF UMW-PESD3V3V1BCSF Datasheet
383Kb / 4P
   70W peak pulse power (tp =8/20μs
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
   300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
   400 peak pulse power (tp =8/20μs)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com