Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC5756NNM1R Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC5756NNM1R
Description  250kHz, 7uA, CMOS, Rail-to-Rail Dual Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5756NNM1R Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC5756NNM1R Datasheet HTML 4Page - E-CMOS Corporation EC5756NNM1R Datasheet HTML 5Page - E-CMOS Corporation EC5756NNM1R Datasheet HTML 6Page - E-CMOS Corporation EC5756NNM1R Datasheet HTML 7Page - E-CMOS Corporation EC5756NNM1R Datasheet HTML 8Page - E-CMOS Corporation EC5756NNM1R Datasheet HTML 9Page - E-CMOS Corporation EC5756NNM1R Datasheet HTML 10Page - E-CMOS Corporation EC5756NNM1R Datasheet HTML 11Page - E-CMOS Corporation EC5756NNM1R Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
250kHz, 7μA, CMOS,
Rail-to-Rail Dual Operational
Amplifier
Amplifier
EC5756
E-CMOS Corp. (www.ecmos.com.tw)
3L03N-Rev.P001
Page 8 of 13
Condition
Min
Max
Power Supply Voltage (VDD to Vss)
-0.5V
+7V
Analog Input Voltage (IN+ or IN-)
Vss-0.5V
VDD+0.5V
PDB Input Voltage
Vss-0.5V
+7V
Operating Temperature Range
-40°C
+125°C
Junction Temperature
+150°C
Storage Temperature Range
-65°C
+150°C
Lead Temperature (soldering, 10sec)
+300°C
Package Thermal Resistance (TA=+25℃)
SOP8, θJA
130°C
MSOP8, θJA
210°C
Electrical Characteristics
Absolute Maximum Ratings
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions
outside those indicated in the operational sections of this specification are not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.


Similar Part No. - EC5756NNM1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5755 E-CMOS-EC5755 Datasheet
811Kb / 13P
   250kHz, 7uA, CMOS, Rail-to-Rail Operational Amplifier
EC5755NNB2R E-CMOS-EC5755NNB2R Datasheet
811Kb / 13P
   250kHz, 7uA, CMOS, Rail-to-Rail Operational Amplifier
EC5755NNM1R E-CMOS-EC5755NNM1R Datasheet
811Kb / 13P
   250kHz, 7uA, CMOS, Rail-to-Rail Operational Amplifier
EC5758 E-CMOS-EC5758 Datasheet
812Kb / 12P
   1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
EC5758NNM1R E-CMOS-EC5758NNM1R Datasheet
812Kb / 12P
   1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
More results

Similar Description - EC5756NNM1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5755 E-CMOS-EC5755 Datasheet
811Kb / 13P
   250kHz, 7uA, CMOS, Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com