Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MQF Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-MQF
Description  Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MQF Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-MQF Datasheet HTML 1Page - IC-Haus GmbH IC-MQF Datasheet HTML 2Page - IC-Haus GmbH IC-MQF Datasheet HTML 3Page - IC-Haus GmbH IC-MQF Datasheet HTML 4Page - IC-Haus GmbH IC-MQF Datasheet HTML 5Page - IC-Haus GmbH IC-MQF Datasheet HTML 6Page - IC-Haus GmbH IC-MQF Datasheet HTML 7Page - IC-Haus GmbH IC-MQF Datasheet HTML 8Page - IC-Haus GmbH IC-MQF Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
preliminary
preliminary
iC-MQF PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev C1, Page 1/38
FEATURES
Latency-free sine-to-digital conversion to 4000 angle steps
Input frequency: 200 kHz (x10), 20 kHz (x100), 2 kHz (x1000)
Flexible pin assignment due to signal path multiplexers
PGA inputs for differential and single-ended signals
Variable input resistance for current/voltage conversion
Signal conditioning for offset, amplitude and phase
Controlled 50 mA current source for LED or MR sensor supply
Fault-tolerant RS422 outputs with 50 mA sink/source drive
current
Preselectable minimum phase distance for spike-proof counter
stimulus
Zero signal conditioning and electronic index pulse generation
Signal and operation monitoring with configurable alarm output,
output shutdown and error storage
I2C multimaster interface for in-circuit calibration and
parameters (EEPROM)
Adjustable overtemperature alarm and shutdown
Supply from 4.3 to 5.5 V, operation from -40 to +100 °C
Reverse-polarity-proof including the sub-system
APPLICATIONS
Optical and magnetic position
sensors
Linear scales
High-resolution angle sensing
PACKAGES
TSSOP20
BLOCK DIAGRAM
REVERSE POLARITY
MONITORING
CH2
CH1
Tw
Toff
SERIAL I2C
DIGITAL DRIVER
PA
NZ
PZ
NB
PB
ERR
VDD
GND
X3
SCL
SDA
X4
X5
X6
X1
X2
VDDS
GNDS
ACO
INTERFACE
SINE-TO-DIGTIAL
CH0
iC-MQF
REGISTER
CONFIGURATION
PROTECTION
PGA INPUT
SIGNAL PATH MUX
CALIBRATION
SIGNAL LEVEL
NA
PHI
CONTROLLER
OUTPUT
CONVERSION
x
x
x
+
-
I/V
I/V
x
x
x
I/V
x
x
x
-
-
-
+
I/U
I/V
I/V
ADJ
PWRon
ZIN
LineCount
Monitor
Sin/Cos
Monitor
C
x
+
-
x
x
I/V
I/V
x
x
x
I/V
x
-
-
-
x
x
I/U
I/V
I/V
+
Copyright © 2009, 2015 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-MQF

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MQF ICHAUS-IC-MQF Datasheet
754Kb / 37P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results

Similar Description - IC-MQF

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF Datasheet
754Kb / 37P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ Datasheet
832Kb / 39P
   PROGRAMMABLE 9-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-PI ICHAUS-IC-PI Datasheet
1Mb / 49P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-TW2 ICHAUS-IC-TW2 Datasheet
459Kb / 30P
   8-BIT SIN/COS INTERPOLATION IC WITH INTEGRATED EEPROM
IC-MSB ICHAUS-IC-MSB Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com