Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-TL85 Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-TL85
Description  Infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TL85 Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-TL85_13 Datasheet HTML 1Page - IC-Haus GmbH IC-TL85_13 Datasheet HTML 2Page - IC-Haus GmbH IC-TL85_13 Datasheet HTML 3Page - IC-Haus GmbH IC-TL85_13 Datasheet HTML 4Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
iC-TL85 TO46-2F
Infrared LED
Rev B2, Page 1/4
FEATURES
o Emission peak at 850 nm matched to silicon sensors
o Temperature range -40 to 125 °C
o High optical output power
o Fast switching speed
o TO-46 package with flat window for high reliability
o ROHS conform
APPLICATIONS
o Illumination for high resolution
optical encoder
o Modulated light barriers
PACKAGES
TO46-2F
DIMENSIONAL OUTLINE
27.0 ±1.60
3.7
0.5
0.35 max.
TO46-2F
Dimensions in mm
2
1
anode
(common to case)
cathode
1.17 + 0.05
Ø 5.4
45°
±3°
2
1
Note 1)
1) Flat window cap TO-52
(see SCHOTT SL 10.023.901 specification for details)
Marking (orientation subject to change)
iC-TL85
<assembly code>
<design version>
Copyright © 2013 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-TL85_13

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TL85TO46-2F ICHAUS-IC-TL85TO46-2F Datasheet
82Kb / 4P
   Infrared LED
IC-TL85TO46-2F ICHAUS-IC-TL85TO46-2F Datasheet
294Kb / 2P
   LIGHT FOR MOTION
IC-TL85TO46-2L1 ICHAUS-IC-TL85TO46-2L1 Datasheet
109Kb / 4P
   Infrared LED
IC-TL85TO46-2L1 ICHAUS-IC-TL85TO46-2L1 Datasheet
294Kb / 2P
   LIGHT FOR MOTION
More results

Similar Description - IC-TL85_13

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com