Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52790 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M52790
Description  AV SWITCH with I2C BUS CONTROL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52790 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M52790 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M I T S U B I S H I
- 9
MITSUBISHI ICs (AV COMMON)
M52790SP/FP
AV SWITCH with I2C BUS CONTROL
PRELIMINARY
Notice. This is not a final specification.
Some parametric limits are subject to change.
AUG.'98
DESCRIPTION
PIN CONFIGURATION ( TOP VIEW )
FEATURES
•Video and stereo sound switches in one package
•Wide frequency range ( video switch )...........DC~20MHz
•High separation ( video switch )
.................Crosstalk -60dB ( typ. ) at 1MHz
•Two types of packages are provided : SDIP with a lead pitch of
1.778mm ( M52790SP ) ; and SSOP with a lead pitch of 0.8mm
( M52790FP ) .
APPLICATION
Video equipment
RECOMMENDED OPERATING CONDITION
Supply voltage
4.7V ~ 9.3V
Rated supply voltage
5V,9V
Maximum output current
63mA(at 9V)
1
2
3
4
5
6
7
15
14
13
12
11
10
9
1
Outline 36P4E
(Lead pitch :1.778mm)
TUNER IN
SCL
Rch T IN
Lch T IN
SDA
Y 2 IN
Lch 1 OUT
Rch 1 OUT
C IN
Y IN
8
16
VIDEO 2 IN
C 2 IN
CHIP SELECT
Rch 2 IN
Lch 2 IN
VCC
Y 3 IN
VIDEO 3 IN
C 3 IN
Rch 3 IN
Lch 3 IN
Lch 4 IN
Rch 4 IN
C 4 IN
VIDEO 4 IN
Y 4 IN
GND
V 1 OUT
PIN CONFIGURATION ( TOP VIEW )
Outline 36P2R-D
(Lead pitch :0.8mm)
17
18
36
35
34
33
32
31
30
22
23
24
25
26
27
28
29
21
20
19
C 1 OUT
Y 1 OUT
V 2 OUT
Lch 2 OUT
C 2 OUT
Rch 2 OUT
Y 2 OUT
BIAS
1
2
3
4
5
6
7
15
14
13
12
11
10
9
TUNER IN
SCL
Rch T IN
Lch T IN
SDA
Y 2 IN
Lch 1 OUT
Rch 1 OUT
C IN
Y IN
8
16
VIDEO 2 IN
C 2 IN
CHIP SELECT
Rch 2 IN
Lch 2 IN
VCC
Y 3 IN
VIDEO 3 IN
C 3 IN
Rch 3 IN
Lch 3 IN
Lch 4 IN
Rch 4 IN
C 4 IN
VIDEO 4 IN
Y 4 IN
GND
V 1 OUT
17
18
36
35
34
33
32
31
30
22
23
24
25
26
27
28
29
21
20
19
C 1 OUT
Y 1 OUT
V 2 OUT
Lch 2 OUT
C 2 OUT
Rch 2 OUT
Y 2 OUT
BIAS
The M52790 is AV switch semiconductor integrated circuit with
I2C bus control .
This IC contains 2-channels of 4-input audio switches and 2-
channels of 4-input video switches. Each channel can be
controled independently .
The video switches contain amplifiers can be controled a gain of
output 0dB or 6dB .


Similar Part No. - M52790

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52790FP RENESAS-M52790FP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
More results

Similar Description - M52790

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
M52797SP RENESAS-M52797SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsumi Electronics, Co...
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
   I2C BUS Control 5-Input 2-Output AV Switch
logo
Sony Corporation
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
CXA7002R SONY-CXA7002R Datasheet
424Kb / 47P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com