Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3106A14S-10PX Datasheet(PDF) 6 Page - DDK Ltd.

Part # DMS3106A14S-10PX
Description  MIL-DTL-5015 Style Circular Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3106A14S-10PX Datasheet(HTML) 6 Page - DDK Ltd.

Back Button DMS3106A14S-10PX Datasheet HTML 2Page - DDK Ltd. DMS3106A14S-10PX Datasheet HTML 3Page - DDK Ltd. DMS3106A14S-10PX Datasheet HTML 4Page - DDK Ltd. DMS3106A14S-10PX Datasheet HTML 5Page - DDK Ltd. DMS3106A14S-10PX Datasheet HTML 6Page - DDK Ltd. DMS3106A14S-10PX Datasheet HTML 7Page - DDK Ltd. DMS3106A14S-10PX Datasheet HTML 8Page - DDK Ltd. DMS3106A14S-10PX Datasheet HTML 9Page - DDK Ltd. DMS3106A14S-10PX Datasheet HTML 10Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
http://www.ddknet.co.jp
D/MS A/B Series
6
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Insert Arrangement List
Number of Contact
7
Insert
Arrangement
Insert Number
16S-1
20-15
22-28
24-2
24-10
28-10
Contact Size
7-#16
7-#12
7-#12
7-#12
7-#8
2-#4, 2-#8, 3-#12
Service Rating
A
A
A
D
A
D(G), A
Rated Current
13A
23A
23A
23A
46A
#4 : 80A
#8 : 46A
#12 : 23A
Number of Contact
8
9
Insert
Arrangement
Insert Number
18-8
20-7
22-23
20-16
20-18
24-11
Contact Size
1-#12, 7-#16
8-#16
8-#12
2-#12, 7-#16
3-#12, 6-#16
3-#8, 6-#12
Service Rating
A
D(ABHG)
A(CDEF)
D(H) A
A
A
A
Rated Current
#12 : 23A
#16 : 13A
13A
23A
#12 : 23A
#16 : 13A
#12 : 23A
#16 : 13A
#8 : 46A
#12 : 23A
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
Number of Contact
14
Insert
Arrangement
Insert Number
28-20
32-9
Contact Size
10-#12, 4-#16
2-#4, 12-#16
Service Rating
A
D
Rated Current
#12 : 23A
#16 : 13A
#4 : 80A
#16 : 13A
Number of Contact
10
11
14
Insert
Arrangement
Insert Number
18-1
18-19
24-20
20-27
22-19
Contact Size
10-#16
10-#16
2-#12, 9-#16
14-#16
14-#16
Service Rating
A (BCFG)
INST
A
D
A
A
Rated Current
13A
13A
#12 : 23A
#16 : 13A
13A
13A
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
Contact Size Symbol
Service Rating・・・・・・ INST
A
D
E
Rated Voltage AC(r.m.s.)
200
500
900
1,250
Rated Voltage DC ・・・ 250
700
1,200 1,750
Contact Size・・・・・・・・・・・ #16
#12
#8
#4
#0
MAX
Current /Contact ・・・・・・ 13
23
46
80
150
#16
#12
#8
#4
#0


Similar Part No. - DMS3106A14S-10PX

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A14S-29PW(D190) DDK-DMS3106A14S-29PW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A14S-29PX(D190) DDK-DMS3106A14S-29PX(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A14S-29PY(D190) DDK-DMS3106A14S-29PY(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A14S-29PZ(D190) DDK-DMS3106A14S-29PZ(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A14S-29SW(D190) DDK-DMS3106A14S-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results

Similar Description - DMS3106A14S-10PX

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
10-597107-171 AMPHENOL-10-597107-171 Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com