Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723646L12PF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT723646L12PF
Description  CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723646L12PF Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT723646L12PF Datasheet HTML 1Page - Integrated Device Technology IDT723646L12PF Datasheet HTML 2Page - Integrated Device Technology IDT723646L12PF Datasheet HTML 3Page - Integrated Device Technology IDT723646L12PF Datasheet HTML 4Page - Integrated Device Technology IDT723646L12PF Datasheet HTML 5Page - Integrated Device Technology IDT723646L12PF Datasheet HTML 6Page - Integrated Device Technology IDT723646L12PF Datasheet HTML 7Page - Integrated Device Technology IDT723646L12PF Datasheet HTML 8Page - Integrated Device Technology IDT723646L12PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3
IDT723626/723636/723646 CMOS TRIPLE BUS SyncFIFO™
WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 and 1,024 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
bidirectional interface between microprocessors and/or buses with synchro-
nous control.
CommunicationbetweeneachportmaybypasstheFIFOsviatwomailbox
registers. The mailbox registers' width matches the selected bus width of ports
B and C. Each mailbox register has a flag (
MBF1 and MBF2) to signal when
new mail has been stored.
TwokindsofresetareavailableontheseFIFOs:MasterResetandPartial
Reset. Master Reset initializes the read and write pointers to the first location
ofthememoryarrayandselectsserialflagprogramming,parallelflagprogram-
ming,or oneofthreepossibledefaultflagoffsetsettings,8,16or64. EachFIFO
has its own, independent Master Reset pin,
MRS1 and MRS2.
PartialResetalsosetsthereadandwritepointerstothefirstlocationofthe
memory. Unlike Master Reset, any settings existing prior to Partial Reset (i.e.,
programmingmethodandpartialflagdefaultoffsets)areretained. PartialReset
is useful since it permits flushing of the FIFO memory without changing any
configuration settings. Each FIFO has its own, independent Partial Reset pin,
PRS1 and PRS2.
These devices have two modes of operation: In the IDT Standard
mode, the first word written to an empty FIFO is deposited into the memory
array. A read operation is required to access that word (along with all other
words residing in memory). In the First Word Fall Through mode (FWFT),
the first word written to an empty FIFO appears automatically on the
outputs, no read operation required (Nevertheless, accessing subsequent
words does necessitate a formal read request). The state of the BE/
FWFTpin
during Master Reset determines the mode in use.
Each FIFO has a combined Empty/Output Ready Flag (
EFA/ORA and
EFB/ORB) and a combined Full/Input Ready Flag (FFA/IRA and FFC/IRC).
The
EF and FFfunctions are selected in the IDT Standard mode. EF indicates
whether or not the FIFO memory is empty.
FF shows whether the memory is
full or not. The IR and OR functions are selected in the First Word Fall Through
mode. IR indicates whether or not the FIFO has available memory locations.
OR shows whether the FIFO has data available for reading or not. It marks the
presence of valid data on the outputs.
Each FIFO has a programmable Almost-Empty flag (
AEAandAEB)and
aprogrammableAlmost-Fullflag(
AFAandAFC).AEAandAEBindicatewhen
aselectednumberofwordsremainintheFIFOmemory.
AFAandAFCindicate
when the FIFO contains more than a selected number of words.
FFA/IRA,FFC/IRC,AFAandAFCaretwo-stagesynchronizedtothePort
Clock that writes data into its array.
EFA/ORA,EFB/ORB,AEA, andAEB are
two-stage synchronized to the Port Clock that reads data from its array.
Programmableoffsetsfor
AEA,AEB,AFA,AFCareloadedinparallelusingPort
A or in serial via the SD input. The Serial Programming Mode pin (
SPM)makes
thisselection.Threedefaultoffsetsettingsarealsoprovided.The
AEAandAEB
threshold can be set at 8, 16 or 64 locations from the empty boundary and the
AFAandAFCthresholdcanbesetat8,16or64locationsfromthefullboundary.
AllthesechoicesaremadeusingtheFS0andFS1inputsduringMasterReset.
Two or more FIFOs may be used in parallel to create wider data paths.
Such a width expansion requires no additional, external components. Further-
more, two IDT723626/723636/723646 FIFOs can be combined with unidirec-
tionalFIFOscapableofFirstWordFallThroughtiming(i.e.theSuperSyncFIFO
family) to form a depth expansion.
If, at any time, the FIFO is not actively performing a function, the chip
will automatically power down. During the power down state, supply current
consumption(ICC)isataminimum.Initiatinganyoperation(byactivatingcontrol
inputs) will immediately take the device out of the power down state.
The IDT723626/723636/723646s are characterized for operation from
0
°C to 70°C. Industrial temperature range (–40°C to +85°C) is available by
special order. They are fabricated using IDT’s high speed, submicron CMOS
technology.


Similar Part No. - IDT723646L12PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723646L15PFG RENESAS-IDT723646L15PFG Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT723646L15PFG8 RENESAS-IDT723646L15PFG8 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results

Similar Description - IDT723646L12PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
   CMOS TRIPLE BUS SyncFIFO
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com