Electronic Components Datasheet Search |
|
DMS3101A32-10SW Datasheet(PDF) 1 Page - DDK Ltd. |
|
DMS3101A32-10SW Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 18 page http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. D/MS A/B Series MIL-DTL-5015 Style Circular Connectors 161004 Lock Type Threaded Coupling ◆ CONFORMING STANDARD Conforming Standard MIL-DTL-5015 D/MS A/B series is compatible with MIL-DTL-5015 and a soldering termination connector. A various combination of the plugs, receptacles and accessories is also available and can be used for cable- to -cable usage and cable-to-panel usage. D/MS A/B series is provided with 12 kinds of shell sizes from 10SL to 36, 5 kinds of contact size from #16 to #0 and 73 kinds of insert arrangements to accommodate a wide variety of applications. ◆ FEATURES Aerospace, Machine Tool, Measurement Equipment, Communication Equipment and Other Industrial Equipment ●The barriers are placed between each contact on the insert to extend the creepage distance for the improvement of dielectric withstanding voltage characteristic. ●Each of the plug shells and the receptacle shells can apply to both of the pin insert assemblies and the socket insert assemblies respectively excluding shell size 10SL. ●A combination of the sockets for input and pin for output is recommended since D/MS A/B series is often used for high voltage equipment to prevent from any accidents. ●The plug shell has a key way and the receptacle shell has a key. The key will be inserted into the key way before the contacts are mated. The insert is rotated within the shell from standard key way and 4 kinds of alternate insert positions, W, X, Y and Z are available to avoid cross–plugging problem in applications requiring the use of more than one connector of the same size and arrangement. ●The solder cups in the insert assembly face in same direction to solder cables easier. ●The surface of shells is coated with zinc plating and finished with trivalent chromium treatment(*) in color black to conform to RoHS directives. (* : Cadmium plating and Olive Drab color is MIL- DTL- 5015 specification). The conventional DMS series in Olive Drab color is also available upon your request. MIL-DTL-5015 Class A and B ◆ APPLICATIONS ◆ OUTLINE Barrier DDK Other Manufacture's ◆ SAFETY STANDARD UL, C-UL Approved: File Number E72124 |
Similar Part No. - DMS3101A32-10SW |
|
Similar Description - DMS3101A32-10SW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |