Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM107-M Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # FFM107-M
Description  1.0A GLASS PASSIVATED FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

FFM107-M Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  FFM107-M Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd FFM107-M Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FFM101-M – FFM107 -M
FFM101-M – FFM107 - M
Reverse Recovery Time (Note 2)
t
150
250
500
nS
Characteristic
Symbol
4
pF
25
A
Weight: 0.01 grams (approx.)
Case: SOD-123FL, Molded Plastic
Surge Overload Rating to 25A Peak
Ultra-Fast Recovery Time
Ideally Suited for Automatic Assembly
Low Power Loss
Classification Rating 94V-O
1.3
V
-65 to +150
°C
35
70
140
280
420
560
800
V
50
100
200
400
600
800
1000
V
Features
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 3)
RJL
180
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
SOD - 123FL
Dimensions in millimeters
Glass passivated device
!
!
101-M
FFM
UNITS
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
102-M 103-M 104-M 105-M 106-M 107-M
rr
FFM
FFM
FFM
FFM FFM
FFM
Alldatasheet


Similar Part No. - FFM107-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM107-M FORMOSA-FFM107-M Datasheet
69Kb / 2P
   Fast recovery type
logo
Gaomi Xinghe Electronic...
FFM107-M GXELECTRONICS-FFM107-M Datasheet
353Kb / 2P
   Fast recovery type
logo
Formosa MS
FFM107-M FORMOSA-FFM107-M Datasheet
101Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
PACELEADER INDUSTRIAL
FFM107-M PACELEADER-FFM107-M Datasheet
210Kb / 2P
   FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
FFM107-M WINNERJOIN-FFM107-M Datasheet
150Kb / 2P
   Fast recovery type
More results

Similar Description - FFM107-M

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR101G WTE-FR101G Datasheet
55Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
1N4933G WTE-1N4933G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR101G ZSELEC-FR101G Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
1F1G ZSELEC-1F1G Datasheet
135Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
DFR1A ZSELEC-DFR1A Datasheet
92Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
BA157G ZSELEC-BA157G Datasheet
85Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR101W ZSELEC-FR101W Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG100R ZSELEC-PG100R Datasheet
135Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com