Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1B Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # FR1B
Description  1.0A SURFACE MOUNT FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

FR1B Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  FR1B Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd FR1B Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
0.4
1.2
25
50
75
100
125
150
175
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
0.2
0.6
0.8
1.0
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25°C
j
I Pulse Width: 300 s
F
µ
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Forward Surge Current Derating Curve
Single Half-Sine-Wave
(JEDEC Method)
T = 150°C
j
50V DC
Approx
50 NI (Non-inductive)
10 NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.4 Typical Reverse Characteristics
T = 125 C
j
°
T = 25°C
j
FR1A – FR1M
FR1A – FR1M
Alldatasheet


Similar Part No. - FR1B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
FR1B LEIDITECH-FR1B Datasheet
575Kb / 3P
   High Temp Soldering: 260째C for 10 Seconds At Terminals
logo
Pan Jit International I...
FR1B PANJIT-FR1B Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Semikron International
FR1B SEMIKRON-FR1B Datasheet
114Kb / 2P
   Surface mount diode
logo
Shenzhen Luguang Electr...
FR1B LUGUANG-FR1B Datasheet
182Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
logo
Surge Components
FR1B SURGE-FR1B Datasheet
77Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere
More results

Similar Description - FR1B

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FS1A ZSELEC-FS1A Datasheet
62Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1M ZSELEC-RS1M Datasheet
105Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1A ZSELEC-RS1A Datasheet
149Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1ABF ZSELEC-RS1ABF Datasheet
150Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR1A WTE-FR1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS1A WTE-RS1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS1A WTE-RS1A_V01 Datasheet
43Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
September, 2012
logo
Zibo Seno Electronic En...
RS1AF ZSELEC-RS1AF Datasheet
151Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
logo
Tiger Electronic Co.,Lt...
FFM101 TGS-FFM101 Datasheet
162Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com