Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER107 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # ER107
Description  1.0A SUPERFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ER107 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ER107 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ER107 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
Symbol
ER101 ER102 ER103 ER104 ER105
ER106 ER107 ER108
Unit
1.0A SUPERFAST RECTIFIER
ER101 – ER108
ER101 – ER108
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
DO-41
Dim
Min
Max
A
25.4
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
1 of 2
!
Lead Free: For RoHS / Lead Free Version
pF
nS
V
0.95
35
70
105
140
210
280
350
420
V
50
100
150
200
300
400
500
600
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
Typical Junction Capacitance (Note 3)
Cj
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
1.30
1.70
35
20
10
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - ER107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ER10-104 VISHAY-ER10-104 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER10-105 VISHAY-ER10-105 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER10-106 VISHAY-ER10-106 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER10-256 VISHAY-ER10-256 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER10-405 VISHAY-ER10-405 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

Similar Description - ER107

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF11 ZSELEC-SF11 Datasheet
115Kb / 2P
   1.0A SUPERFAST RECTIFIER
SF11G ZSELEC-SF11G Datasheet
117Kb / 2P
   1.0A SUPERFAST GLASS PASSVITED RECTIFIER
1E1G ZSELEC-1E1G Datasheet
133Kb / 2P
   1.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF10AG ZSELEC-SF10AG Datasheet
138Kb / 2P
   1.0A SUPERFAST GLASS PASSVITED RECTIFIER
logo
Won-Top Electronics
SF11 WTE-SF11_06 Datasheet
51Kb / 4P
   1.0A SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
ES1AW ZSELEC-ES1AW Datasheet
146Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
1E1 ZSELEC-1E1 Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
Won-Top Electronics
ES1A WTE-ES1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com