Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V38L20PFI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70V38L20PFI
Description  HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V38L20PFI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70V38L20PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V38L20PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V38L20PFI Datasheet HTML 9Page - Integrated Device Technology IDT70V38L20PFI Datasheet HTML 10Page - Integrated Device Technology IDT70V38L20PFI Datasheet HTML 11Page - Integrated Device Technology IDT70V38L20PFI Datasheet HTML 12Page - Integrated Device Technology IDT70V38L20PFI Datasheet HTML 13Page - Integrated Device Technology IDT70V38L20PFI Datasheet HTML 14Page - Integrated Device Technology IDT70V38L20PFI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
IDT70V38L
High-Speed 3.3V 64K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4850drw 11
tDW
tAPS
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/
W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
(1)
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(3)
tWDD
tBAA
Timing Waveform of Write with Port-to-Port Read and BUSY (M/S = VIH)(2,4,5)
Timing Waveform of Write with BUSY (M/S = VIL)
NOTES:
1. tWH must be met for both BUSY input (SLAVE) and output (MASTER).
2. BUSY is asserted on port "B" blocking R/W"B", until BUSY"B" goes HIGH.
3. tWB is only for the 'slave' version.
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/S = VIL (SLAVE).
2. CEL = CER = VIL, refer to Chip Enable Truth Table.
3. OE = VIL for the reading port.
4. If M/S = VIL (slave), BUSY is an input. Then for this example BUSY"A" = VIH and BUSY"B" input is shown above.
5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A".
4850 drw 12
R/
W"A"
BUSY"B"
tWB
(3)
R/
W"B"
tWH
(1)
(2)
tWP
.


Similar Part No. - IDT70V38L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
185Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L_17 Datasheet
185Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V38L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L_17 Datasheet
185Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L_15 Datasheet
683Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com