Electronic Components Datasheet Search |
|
DMS3106A16S-10PW Datasheet(PDF) 2 Page - DDK Ltd. |
|
DMS3106A16S-10PW Datasheet(HTML) 2 Page - DDK Ltd. |
2 / 18 page http://www.ddknet.co.jp D/MS A/B Series 2 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. Rated Current Rated Voltage Dielectric Withstanding Voltage Insulation Resistance 5000MΩ min. at 500V DC Contact Resistance Operating Temperature -55℃ 〜 +125℃ Applicable Cable Size ○ SPECIFICATIONS ○ MATERIAL / FINISH Item Material / Finish Contact Copper Alloy / Silver or Gold Plating Insert Diallyl Phthalate Resin(Blue) Shell Aluminum Alloy / Zinc Plating, Black Trivalent Chromium Treatment Retaining Ring Copper Alloy / Nickel Plating Gasket Synthetic Rubber (Nitrile) Service Rating Dielectric Withstanding Voltage at 1minute INST 1,000V AC(r.m.s.) A 2,000V AC(r.m.s.) D 2,800V AC(r.m.s.) E 3,500V AC(r.m.s.) Contact Size Assembled in Insulator # 16 13A max. # 12 23A max. #8 46A max. #4 80A max. #0 150A max. Service Rating DC AC(r.m.s.) INST 250V 200V A 700V 500V D 1,250V 900V E 1,750V 1,250V Contact Size Test Current Voltage Descent # 16 13A 87mV max. # 12 23A 77mV max. #8 46A 80mV max. #4 80A 70mV max. #0 150A 65mV max. Contact Size Applicable Cable Size A.W.G. Official Sectional Area Conductor Diameter # 16 #16 〜# 22 1.25mm2 1.6mm Max. # 12 #12 〜 #14 3.50mm2 2.5mm Max. #8 #8 〜 #10 8.00mm2 4.5mm Max. #4 #4 〜 #6 22.00mm2 7.0mm Max. #0 #0 〜 #2 50.00mm2 11.0mm Max. RoHS Compliant RoHS Compliant |
Similar Part No. - DMS3106A16S-10PW |
|
Similar Description - DMS3106A16S-10PW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |