Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7136CPLZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL7136CPLZ
Description  3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7136CPLZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL7136CPLZ Datasheet HTML 4Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 5Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 6Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 7Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 8Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 9Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 10Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 11Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN3086.6
July 21, 2005
Analog COMMON
This pin is included primarily to set the common mode
voltage for battery operation or for any system where the
input signals are floating with respect to the power supply.
The COMMON pin sets a voltage that is approximately 2.8V
more negative than the positive supply. This is selected to
give a minimum end-of-life battery voltage of about 6.8V.
However, analog COMMON has some of the attributes of a
reference voltage. When the total supply voltage is large
enough to cause the zener to regulate (>7V), the COMMON
voltage will have a low voltage coefficient (0.001%/V), low
output impedance (
≅15Ω), and a temperature coefficient
typically less than 150ppm/oC.
The limitations of the on chip reference should also be
recognized, however. Due to their higher thermal resistance,
plastic parts are poorer in this respect than ceramic. The
combination of reference Temperature Coefficient (TC), internal
chip dissipation, and package thermal resistance can increase
noise near full scale from 25
µV to 80µVP-P. Also the linearity in
going from a high dissipation count such as 1000 (20 segments
on) to a low dissipation count such as 1111 (8 segments on) can
suffer by a count or more. Devices with a positive TC reference
may require several counts to pull out of an over range
condition. This is because over-range is a low dissipation
mode, with the three least significant digits blanked. Similarly,
units with a negative TC may cycle between over range and a
non-over range count as the die alternately heats and cools. All
these problems are of course eliminated if an external
reference is used.
The ICL7136, with its negligible dissipation, suffers from
none of these problems. In either case, an external
reference can easily be added, as shown in Figure 3.
Analog COMMON is also used as the input low return during
auto-zero and de-integrate. If IN LO is different from analog
COMMON, a common mode voltage exists in the system
and is taken care of by the excellent CMRR of the converter.
However, in some applications IN LO will be set at a fixed
known voltage (power supply common for instance). In this
application, analog COMMON should be tied to the same
point, thus removing the common mode voltage from the
converter. The same holds true for the reference voltage. If
reference can be conveniently tied to analog COMMON, it
should be since this removes the common mode voltage
from the reference system.
Within the lC, analog COMMON is tied to an N-Channel FET
that can sink approximately 3mA of current to hold the
voltage 2.8V below the positive supply (when a load is trying
to pull the common line positive). However, there is only
10
µA of source current, so COMMON may easily be tied to a
more negative voltage thus overriding the internal reference.
TEST
The TEST pin serves two functions. On the ICL7136 it is
coupled to the internally generated digital supply through a
500
Ω resistor. Thus it can be used as the negative supply for
externally generated segment drivers such as decimal points
or any other presentation the user may want to include on
the LCD display. Figures 4 and 5 show such an application.
No more than a 1mA load should be applied.
The second function is a “lamp test”. When TEST is pulled
high (to V+) all segments will be turned on and the display
should read “-1888”. The TEST pin will sink about 5mA
under these conditions.
CAUTION: On the ICL7136, in the lamp test mode, the segments have a
constant DC voltage (no square-wave) and may burn the LCD
display if left in this mode for several minutes.
ICL7136
V
REF LO
REF HI
V+
V-
6.8V
ZENER
IZ
FIGURE 3A.
ICL7136
V
REF HI
REF LO
COMMON
V+
ICL8069
1.2V
REFERENCE
6.8k
20k
FIGURE 3B.
FIGURE 3. USING AN EXTERNAL REFERENCE
ICL7136
V+
BP
TEST
21
37
TO LCD
BACKPLANE
TO LCD
DECIMAL
POINT
1M
FIGURE 4. SIMPLE INVERTER FOR FIXED DECIMAL POINT
ICL7136


Similar Part No. - ICL7136CPLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7136CPLZ INTERSIL-ICL7136CPLZ Datasheet
498Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
logo
Renesas Technology Corp
ICL7136CPLZ RENESAS-ICL7136CPLZ Datasheet
793Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
More results

Similar Description - ICL7136CPLZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7136 RENESAS-ICL7136 Datasheet
793Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
logo
Intersil Corporation
ICL7136CPL INTERSIL-ICL7136CPL Datasheet
498Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
HI7131 INTERSIL-HI7131 Datasheet
209Kb / 21P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com