Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZC2.0 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HZC2.0
Description  Silicon Epitaxial Planar Zener Diode for Surge Absorb
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZC2.0 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HZC2.0 Datasheet HTML 1Page - Hitachi Semiconductor HZC2.0 Datasheet HTML 2Page - Hitachi Semiconductor HZC2.0 Datasheet HTML 3Page - Hitachi Semiconductor HZC2.0 Datasheet HTML 4Page - Hitachi Semiconductor HZC2.0 Datasheet HTML 5Page - Hitachi Semiconductor HZC2.0 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HZC Series
Rev.1, Jan. 2002, page 3 of 6
Zener voltage
Reverse current
Dynamic resistance
ESD-Capability *
2
V
Z (V) *
1
Test
Condition
I
R
µµµA)
Test
Condition
r
d (Ω
Ω)
Test
Condition
— (kV) *
2
Type
Min
Max
I
Z (mA)
Max
V
R (V)
Max
I
Z (mA)
Min
HZC12
11.42
12.60
5
0.5
9.0
35
5
30
HZC13
12.47
13.96
5
0.5
10.0
35
5
30
HZC15
13.84
15.52
5
0.5
11.0
40
5
30
HZC16
15.37
17.09
5
0.5
12.0
40
5
30
HZC18
16.94
19.03
5
0.5
13.0
45
5
30
HZC20
18.86
21.08
5
0.5
15.0
50
5
30
HZC22
20.88
23.17
5
0.5
17.0
55
5
30
HZC24
22.93
25.57
5
0.5
19.0
60
5
30
HZC27
25.10
28.90
2
0.5
21.0
70
2
30
HZC30
28.00
32.00
2
0.5
23.0
80
2
30
HZC33
31.00
35.00
2
0.5
25.0
80
2
25
HZC36
34.00
38.00
2
0.5
27.0
90
2
20
Notes: 1. Tested with pulse (Pw = 40 ms).
2. C =150 pF, R = 330
Ω, Both forward and reverse direction 10 pulse
Failure criterion ; According to IR spec
Mark Code
Type
Mark No.
Type
Mark No.
Type
Mark No.
HZC2.0
20
HZC5.6
56
HZC15
15 *
HZC2.2
22
HZC6.2
62
HZC16
16 *
HZC2.4
24
HZC6.8
68
HZC18
18 *
HZC2.7
27
HZC7.5
75
HZC20
20 *
HZC3.0
30
HZC8.2
82
HZC22
22 *
HZC3.3
33
HZC9.1
91
HZC24
24 *
HZC3.6
36
HZC10
10 *
HZC27
27 *
HZC3.9
39
HZC11
11 *
HZC30
30 *
HZC4.3
43
HZC12
12 *
HZC33
33 *
HZC4.7
47
HZC13
13 *
HZC36
36 *
HZC5.1
51
Note:
1. HZC10 To HZC36 has s, on the right of Laser Mark.


Similar Part No. - HZC2.0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZC2.0 RENESAS-HZC2.0 Datasheet
71Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
More results

Similar Description - HZC2.0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZM27WA HITACHI-HZM27WA Datasheet
30Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM27FA HITACHI-HZM27FA Datasheet
28Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM43FA HITACHI-HZM43FA Datasheet
32Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Renesas Technology Corp
HZM7.5FA RENESAS-HZM7.5FA Datasheet
179Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Hitachi Semiconductor
HZM62ZWA HITACHI-HZM62ZWA Datasheet
30Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM56ZFA HITACHI-HZM56ZFA Datasheet
31Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM68FA HITACHI-HZM68FA Datasheet
28Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Renesas Technology Corp
HZM27WA RENESAS-HZM27WA Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM5.6ZFA RENESAS-HZM5.6ZFA Datasheet
156Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZU6.8Z RENESAS-HZU6.8Z Datasheet
155Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Hitachi Metals, Ltd
HZU6.2L HITACHI-METALS-HZU6.2L Datasheet
31Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com