Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0029110103 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0029110103
Description  2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0029110103 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0029110103_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0029110103
Status:
Active
Overview:
SPOX™ Wire-to-Board Connectors
Description:
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
Ears, 10 Circuits
Documents:
3D Model
Product Specification PS-51191-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5240
Application
Signal, Wire-to-Wire
Overview
SPOX™ Wire-to-Board Connectors
Product Name
SPOX
UPC
800754386401
Physical
Circuits (maximum)
10
Flammability
94V-0
Gender
Plug
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Net Weight
1349.300/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No, Yes
Pitch - Mating Interface
2.50mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Engineering Number
5240-101
Reference - Drawing Numbers
Product Specification
PS-51191-003
Sales Drawing
SD-5240-N1
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
5240 Series
Mates With
51191 Housing
Use With
5241
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0029110103_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0029110103 MOLEX3-0029110103 Datasheet
100Kb / 2P
   2.50mm (.098") Pitch SPOX??Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 10 Circuits
More results

Similar Description - 0029110103_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0029110032 MOLEX1-0029110032_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
0029110062 MOLEX1-0029110062_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
0029110092 MOLEX1-0029110092_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
0029110122 MOLEX1-0029110122_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
0029110123 MOLEX1-0029110123_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
0029110072 MOLEX1-0029110072_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
0029110023 MOLEX1-0029110023_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
0029110022 MOLEX1-0029110022_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
0029110033 MOLEX1-0029110033_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
0029110112 MOLEX1-0029110112_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com