Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC9301AXXXA1R Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC9301AXXXA1R
Description  3A 150KHz PWM Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301AXXXA1R Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC9301AXXXA1R Datasheet HTML 1Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 2Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 3Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 4Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 5Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 6Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 7Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 8Page - E-CMOS Corporation EC9301AXXXA1R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3 ~ 45
V
Feedback
pin voltage
VFB
-0.3 ~ VIN +0.3
V
ON/OFF Pin voltage
VEN
-0.3~ VIN +0.3
V
Output pin voltage
VSW
-0.3 ~ VIN +0.3
V
Power Dissipation
PD
Internally limited
mW
Operating Junction Temperature
TJ
150
oC
Storage Temperature
Tstg
-65~+150
oC
Lead Temperature (Soldering, 10 sec)
TLead
260
oC
ESD(HBM)
2000
V
MSL
Level 3
Thermal Resistance-Junction to Ambient
R
θJA
23
℃/W
Thermal Resistance-Junction to Case
R
θJA
3.5
℃/W
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input Voltage
VIN
3.6
45
V
Operating Junction Temperature
TJ
-40
125
Operating Ambient Temperature
TA
-40
85


Similar Part No. - EC9301AXXXA1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9301H E-CMOS-EC9301H Datasheet
1,003Kb / 14P
   3A 150KHz PWM Buck DC/DC Converter
EC9301HXXXAAR E-CMOS-EC9301HXXXAAR Datasheet
1,003Kb / 14P
   3A 150KHz PWM Buck DC/DC Converter
More results

Similar Description - EC9301AXXXA1R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com