Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC9288 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC9288
Description  5V 6A 1.2MHz Synchronous Boost Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9288 Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC9288 Datasheet HTML 4Page - E-CMOS Corporation EC9288 Datasheet HTML 5Page - E-CMOS Corporation EC9288 Datasheet HTML 6Page - E-CMOS Corporation EC9288 Datasheet HTML 7Page - E-CMOS Corporation EC9288 Datasheet HTML 8Page - E-CMOS Corporation EC9288 Datasheet HTML 9Page - E-CMOS Corporation EC9288 Datasheet HTML 10Page - E-CMOS Corporation EC9288 Datasheet HTML 11Page - E-CMOS Corporation EC9288 Datasheet HTML 12Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 12
4G18N-Rev.F001
5V 6A 1.2MHz Synchronous Boost Converter
EC9288
Typical Operating Characteristics(Cont.)


Similar Part No. - EC9288

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EC92 PHILIPS-EC92 Datasheet
47Kb / 3P
   R.F. TRIODE
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9208NNB3R E-CMOS-EC9208NNB3R Datasheet
653Kb / 11P
   High Efficiency 1MHz, 2A, Step up Regulator
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
EC9210NNT2R E-CMOS-EC9210NNT2R Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
More results

Similar Description - EC9288

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7277 ANPEC-APW7277 Datasheet
387Kb / 18P
   5V 5A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8577 TECHCODE-TD8577 Datasheet
949Kb / 19P
   5V 2.1A 1.2MHz Synchronous Boost Converter
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
   1A, 1.2MHz Synchronous Boost Converter
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
   300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
logo
Linear Technology
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com