Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5350SBDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC5350SBDR
Description  3-kVRMS Single-Channel Isolated Gate Driver with 8-V UVLO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5350SBDR Datasheet(HTML) 1 Page - Texas Instruments

  UCC5350SBDR Datasheet HTML 1Page - Texas Instruments UCC5350SBDR Datasheet HTML 2Page - Texas Instruments UCC5350SBDR Datasheet HTML 3Page - Texas Instruments UCC5350SBDR Datasheet HTML 4Page - Texas Instruments UCC5350SBDR Datasheet HTML 5Page - Texas Instruments UCC5350SBDR Datasheet HTML 6Page - Texas Instruments UCC5350SBDR Datasheet HTML 7Page - Texas Instruments UCC5350SBDR Datasheet HTML 8Page - Texas Instruments UCC5350SBDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
text
VCC2
UVLO,
Level
Shift
and
Control
Logic
VCC2
VOUTH
IN±
IN+
VOUTL
VCC1
VEE2
GND1
UVLO
and
Input
Logic
15 V
Rest of
Circuit
5 V
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UCC5350SB
SLLSF39 – SEPTEMBER 2017
UCC5350SB 3-kVRMS Single-Channel Isolated Gate Driver with 8-V UVLO
1
1 Features
1
Single Channel Split Output Gate Driver
8.5-A Peak Source, 10-A Peak Sink Output
8-V Under Voltage Lockout
Switching Parameters:
65-ns Typical Propagation Delay
20-ns Maximum Pulse-Width Distortion
100-kV/μs Minimum Common-Mode Transient
Immunity (CMTI)
3-V to 15-V Input Supply Voltage
9.5-V to 33-V Output Driver Supply Voltage
Negative Voltage Handling on Input Pins (–5 V)
Isolation Surge Withstand Voltage: 4242 VPK
Safety-Related Certifications:
4242-VPK Isolation per DIN V VDE V 0884-10
(Planned)
3000-VRMS Isolation for 1 Minute per UL 1577
(Planned)
CSA Component Acceptance Notice 5A, IEC
60950-1 Standard (Planned)
CQC Certification per GB4943.1-2011
(Planned)
4-kV ESD (HBM) on All Pins
CMOS Inputs
8-pin Narrow Body SOIC Package
Operating Temperature: –40°C to +125°C
Ambient
2 Applications
Industrial Motor-Control Drives
Industrial Power Supplies
Solar Inverters
HEV and EV Power Modules
Induction Heating
3 Description
The UCC5350SB is a single-channel, isolated IGBT,
SiC, and MOSFET gate driver with split-outputs and
superior isolation ratings.
The UCC5350SB is available in an 8-pin SOIC (D)
package.
This
package
has
a
creepage
and
clearance of 4 mm and can support isolation voltage
up to 3 kVRMS, which is good for applications where
basic isolation is needed. With its split-output and 8-V
UVLO this device is a good fit for motor drives and
industrial power supplies.
The UCC5350SB option provides a split output that
can be used to control the rise and fall times of the
driver.
Compared to an optocoupler, the UCC5350SB has
lower part-to-part skew, lower propagation delay,
higher operating temperature, and higher CMTI.
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE (NOM)
UCC5350SB
D SOIC (8)
4.90 mm x 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Similar Part No. - UCC5350SBDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5350SBDR TI1-UCC5350SBDR Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5350SBDR TI1-UCC5350SBDR Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5350SBDR TI1-UCC5350SBDR Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
More results

Similar Description - UCC5350SBDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5310 TI1-UCC5310_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-kVRMS Single-Channel Isolated Gate Drivers
UCC23513 TI1-UCC23513 Datasheet
8Mb / 29P
[Old version datasheet]   3-A, 5-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC5310 TI1-UCC5310 Datasheet
1Mb / 46P
[Old version datasheet]   4.3-A, 3-kVRMS Isolated Single-Channel Gate Drivers
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC23511 TI1-UCC23511 Datasheet
8Mb / 38P
[Old version datasheet]   UCC23511 1-A, 5.7-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC20225 TI1-UCC20225 Datasheet
1Mb / 44P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver with Single Input in LGA
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCV51563 ONSEMI-NCV51563 Datasheet
3Mb / 32P
   5 kVRMS, 4.5-A/9-A Isolated Dual Channel Gate Driver
April, 2022 ??Rev. P2
logo
Texas Instruments
UCC23313 TI1-UCC23313 Datasheet
8Mb / 35P
[Old version datasheet]   UCC23313 4-A/5-A, 3.75-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com