Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5350 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC5350
Description  3-kVRMS Single-Channel Isolated Gate Driver with 8-V UVLO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5350 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC5350 Datasheet HTML 2Page - Texas Instruments UCC5350 Datasheet HTML 3Page - Texas Instruments UCC5350 Datasheet HTML 4Page - Texas Instruments UCC5350 Datasheet HTML 5Page - Texas Instruments UCC5350 Datasheet HTML 6Page - Texas Instruments UCC5350 Datasheet HTML 7Page - Texas Instruments UCC5350 Datasheet HTML 8Page - Texas Instruments UCC5350 Datasheet HTML 9Page - Texas Instruments UCC5350 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
UCC5350SB
SLLSF39 – SEPTEMBER 2017
www.ti.com
Product Folder Links: UCC5350SB
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Apply creepage and clearance requirements according to the specific equipment isolation standards of an application. Care must be
taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the printed
circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal in certain cases. Techniques such as
inserting grooves and ribs on the PCB are used to help increase these specifications.
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured by
means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier are tied together, creating a two-pin device.
6.6 Insulation Specifications
Over operating free air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
CLR
External Clearance(1)
Shortest pin–to-pin distance through air
4
mm
CPG
External Creepage(1)
Shortest pin–to-pin distance across the package
surface
4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
> 21
µm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303–11); IEC 60112
> 600
V
Material Group
According to IEC 60664–1
I
Overvoltage category per IEC 60664-1
Rated mains voltage
≤ 150 VRMS
I-IV
Rated mains voltage
≤ 300 VRMS
I-III
DIN V VDE 0884–11 (VDE V 0884–11): 2017–01(2)
VIORM
Maximum repetitive peak isolation
voltage
AC voltage (bipolar)
990
VPK
VIOWM
Maximum isolation working voltage
AC voltage (sine wave)
700
VRMS
990
VDC
DC voltage
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM, t = 60 s (qualification test)
t = 1 s (100% production)
4242
VPK
VIOSM
Maximum surge isolation voltage(3)
Test method per IEC 60065, 1.2/50-µs waveform,
VTEST = 1.3 × VIOSM (qualification)
4242
VPK
qpd
Apparent charge(4)
Method a: After I/O safety test subgroup 2/3,
Vini = VIOTM, tini = 60 s
Vpd(m) = 1.2 × VIORM, tm = 10 s
≤ 5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.3 × VIORM, tm = 10 s
≤ 5
Method b1: At routine test (100% production) and
preconditioning (type test),
Vini = VIOTM, tini = 1 s;
Vpd(m) = 1.5 × VIORM, tm = 1 s
≤ 5
CIO
Barrier capacitance, input to output(5)
VIO = 0.4 x sin(2πft), f = 1 MHz
1.2
pF
RIO
Isolation resistance, input to output(5)
VIO = 500 V, TA = 25°C
> 1012
Ω
VIO = 500 V at 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500 V, TS = 150°C
> 109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO= 3000 VRMS, t = 60 s (qualification);
VTEST = 1.2 × VISO = 3600 VRMS , t = 1 s
(100% production)
3000
VRMS


Similar Part No. - UCC5350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5350 TI1-UCC5350 Datasheet
1Mb / 47P
[Old version datasheet]   3-kVRMS Single-Channel Isolated Gate Drivers
UCC5350 TI1-UCC5350 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5350 TI1-UCC5350 Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5350 TI1-UCC5350 Datasheet
1Mb / 41P
[Old version datasheet]   UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
UCC5350 TI1-UCC5350 Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
More results

Similar Description - UCC5350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5310 TI1-UCC5310_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-kVRMS Single-Channel Isolated Gate Drivers
UCC23513 TI1-UCC23513 Datasheet
8Mb / 29P
[Old version datasheet]   3-A, 5-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC5310 TI1-UCC5310 Datasheet
1Mb / 46P
[Old version datasheet]   4.3-A, 3-kVRMS Isolated Single-Channel Gate Drivers
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC23511 TI1-UCC23511 Datasheet
8Mb / 38P
[Old version datasheet]   UCC23511 1-A, 5.7-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC20225 TI1-UCC20225 Datasheet
1Mb / 44P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver with Single Input in LGA
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCV51563 ONSEMI-NCV51563 Datasheet
3Mb / 32P
   5 kVRMS, 4.5-A/9-A Isolated Dual Channel Gate Driver
April, 2022 ??Rev. P2
logo
Texas Instruments
UCC23313 TI1-UCC23313 Datasheet
8Mb / 35P
[Old version datasheet]   UCC23313 4-A/5-A, 3.75-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com