Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63710DRRR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63710DRRR
Description  Low Noise Synchronous Inverting Buck Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63710DRRR Datasheet(HTML) 3 Page - Texas Instruments

  TPS63710DRRR Datasheet HTML 1Page - Texas Instruments TPS63710DRRR Datasheet HTML 2Page - Texas Instruments TPS63710DRRR Datasheet HTML 3Page - Texas Instruments TPS63710DRRR Datasheet HTML 4Page - Texas Instruments TPS63710DRRR Datasheet HTML 5Page - Texas Instruments TPS63710DRRR Datasheet HTML 6Page - Texas Instruments TPS63710DRRR Datasheet HTML 7Page - Texas Instruments TPS63710DRRR Datasheet HTML 8Page - Texas Instruments TPS63710DRRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
10
8
12
4
5
3
11
9
2
1
6
7
Exposed Thermal Pad
3
TPS63710
www.ti.com
SLVSD44 – SEPTEMBER 2017
Product Folder Links: TPS63710
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRR Package
12-Pin WSON
Top View
Table 1. Pin Functions
Pin
I/O
Description
Name
No.
VIN
12
I
Power supply Input. Connect the input capacitor and supply voltage to this pin.
VAUX
1
O
Connection for the output capacitor of the internal voltage regulator. VAUX can be loaded
externally with up to 100uA. Do not use this pin for any pulsed load to not couple noise into the
internal supply.
GND
10, 9
Ground Connection
CP
11
O
Connect a capacitor from this pin to SW.
SW
8
O
Connect a capacitor from this pin to CP and the inductor from this pin to the output.
FB
5
I
Feedback pin for the voltage divider.
VOUT
7
I
Output voltage sense pin.
CAP
6
O
Reference system bypass capacitor connection. Do not tie anything other than a capacitor to
GND to this pin. Keep any noise sources away from this pin. The capacitor connected to this
pin forms a low-pass filter with an internal filter resistor and also defines the soft-start time.
VREF
4
O
Reference voltage output. Connect a voltage divider between this pin, FB and GND to set the
output voltage. Do not connect any other circuitry to this pin.
EN
2
I
Enable pin (EN=low: disabled; EN=high: enabled)
PG
3
O
Open drain power good output. Connect with a pull-up resistor to a positive voltage up to 5.5 V.
If not used, leave open or connect to GND.
Exposed
Thermal Pad
-
-
The thermal pad must be tied to GND. The pad must be soldered to a GND plane to achieve an
appropriate thermal resistance and for mechanical reliability.


Similar Part No. - TPS63710DRRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63700 TI-TPS63700 Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRC TI-TPS63700DRC Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCR TI-TPS63700DRCR Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCRG4 TI-TPS63700DRCRG4 Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCT TI-TPS63700DRCT Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
More results

Similar Description - TPS63710DRRR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5723 GMT-G5723 Datasheet
44Kb / 1P
   Synchronous Buck Converter with Low-Noise LDO Regulator
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Rohm
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
   Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
   Synchronous Buck Converter
logo
Linear Technology
LT8471EFE LINER-LT8471EFE Datasheet
401Kb / 6P
   Dual Output, Buck and Inverting Converter
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com