Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7A5401QRGRRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Part # PS7A5401QRGRRQ1
Description  Automotive-Grade 4-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A5401QRGRRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PS7A5401QRGRRQ1 Datasheet HTML 7Page - Texas Instruments PS7A5401QRGRRQ1 Datasheet HTML 8Page - Texas Instruments PS7A5401QRGRRQ1 Datasheet HTML 9Page - Texas Instruments PS7A5401QRGRRQ1 Datasheet HTML 10Page - Texas Instruments PS7A5401QRGRRQ1 Datasheet HTML 11Page - Texas Instruments PS7A5401QRGRRQ1 Datasheet HTML 12Page - Texas Instruments PS7A5401QRGRRQ1 Datasheet HTML 13Page - Texas Instruments PS7A5401QRGRRQ1 Datasheet HTML 14Page - Texas Instruments PS7A5401QRGRRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
TPS7A54-Q1
www.ti.com
SBVS312 – SEPTEMBER 2017
Product Folder Links: TPS7A54-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.3 Internal Protection Features
In many applications, fault events can occur that damage devices in the system. Short circuits and excessive
heat are the most common fault events for power supplies. The TPS7A54-Q1 implements circuitry to protect the
device and its load during these events. Continuously operating in these fault conditions or above a junction
temperature of 140°C is not recommended because the long-term reliability of the device is reduced.
7.3.3.1 Foldback Current Limit (ICL)
The internal current limit circuit is used to protect the LDO against high load-current faults or shorting events.
During a current-limit event, the LDO sources constant current; therefore, the output voltage falls with decreased
load impedance. Thermal shutdown can activate during a current limit event because of the high power
dissipation typically found in these conditions. For proper operation of the current limit, minimize the inductances
to the input and load. Continuous operation in current limit is not recommended.
7.3.3.2 Thermal Protection (Tsd)
The thermal shutdown circuit protects the LDO against excessive heat in the system, either resulting from current
limit or high ambient temperature.
The output of the LDO turns off when the LDO temperature (junction temperature, TJ) exceeds the rising thermal
shutdown temperature. The output turns on again after TJ decreases below the falling thermal shutdown
temperature.
A high power dissipation across the device, combined with a high ambient temperature (TA), can cause TJ to be
greater than or equal to Tsd, triggering the thermal shutdown and causing the output to fall to 0 V. The LDO can
cycle on and off when thermal shutdown is reached under these conditions.


Similar Part No. - PS7A5401QRGRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PS7A5201QRGRRQ1 TI1-PS7A5201QRGRRQ1 Datasheet
375Kb / 28P
[Old version datasheet]   Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
PS7A5301BRPSR TI-PS7A5301BRPSR Datasheet
1Mb / 35P
[Old version datasheet]   TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
AUGUST 2023
PS7A5301BRPSR TI1-PS7A5301BRPSR Datasheet
2Mb / 44P
[Old version datasheet]   TPS7A53B 3A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
JANUARY 2024
PS7A5301QRGRRQ1 TI1-PS7A5301QRGRRQ1 Datasheet
377Kb / 28P
[Old version datasheet]   Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
More results

Similar Description - PS7A5401QRGRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
[Old version datasheet]   2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
375Kb / 28P
[Old version datasheet]   Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
377Kb / 28P
[Old version datasheet]   Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A53A-Q1 TI-TPS7A53A-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A53A-Q1 TI-TPS7A53A-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
[Old version datasheet]   1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
[Old version datasheet]   2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
[Old version datasheet]   4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com