Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62569PDRLT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62569PDRLT
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569PDRLT Datasheet(HTML) 5 Page - Texas Instruments

  TLV62569PDRLT Datasheet HTML 1Page - Texas Instruments TLV62569PDRLT Datasheet HTML 2Page - Texas Instruments TLV62569PDRLT Datasheet HTML 3Page - Texas Instruments TLV62569PDRLT Datasheet HTML 4Page - Texas Instruments TLV62569PDRLT Datasheet HTML 5Page - Texas Instruments TLV62569PDRLT Datasheet HTML 6Page - Texas Instruments TLV62569PDRLT Datasheet HTML 7Page - Texas Instruments TLV62569PDRLT Datasheet HTML 8Page - Texas Instruments TLV62569PDRLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
D003
TJ = -40°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
10
15
20
25
30
35
40
45
50
D001
TJ = -40°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Junction Temperature (°C)
-40
-10
20
50
80
110
140
0
2
4
6
8
10
12
14
16
18
20
D002
VIN = 2.5V
VIN = 3.6V
VIN = 5.0V
5
TLV62569, TLV62569P
www.ti.com
SLVSDG1C – DECEMBER 2016 – REVISED OCTOBER 2017
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 5.0 V, TJ = 25°C, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS(on)
High-side FET on resistance
100
m
Low-side FET on resistance
60
ILIM
High-side FET current limit
TLV62569DBV, TLV62569PDDC
3
A
TLV62569DRL, TLV62569PDRL
2.5
fSW
Switching frequency
VOUT = 2.5 V
1.5
MHz
6.6 Typical Characteristics
Figure 1. Quiescent Current vs Input Voltage
Figure 2. Shutdown Current vs Junction Temperature
Figure 3. FB Voltage Accuracy


Similar Part No. - TLV62569PDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569PDRL TI1-TLV62569PDRL Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62569PDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com