Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF9101-CMQ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GF9101-CMQ
Description  High Performance Multirate Digital Filter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GF9101-CMQ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GF9101-CMQ Datasheet HTML 6Page - List of Unclassifed Manufacturers GF9101-CMQ Datasheet HTML 7Page - List of Unclassifed Manufacturers GF9101-CMQ Datasheet HTML 8Page - List of Unclassifed Manufacturers GF9101-CMQ Datasheet HTML 9Page - List of Unclassifed Manufacturers GF9101-CMQ Datasheet HTML 10Page - List of Unclassifed Manufacturers GF9101-CMQ Datasheet HTML 11Page - List of Unclassifed Manufacturers GF9101-CMQ Datasheet HTML 12Page - List of Unclassifed Manufacturers GF9101-CMQ Datasheet HTML 13Page - List of Unclassifed Manufacturers GF9101-CMQ Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
520 - 64 - 7
10
Fig. 8 Timing Diagram for a 23-Tap Odd-Symmetric Filter
Assuming that the data A0 —> A21 has already been
shifted into the filter registers, by clocking ENA and ENB the
data A22 enters DATA_A_IN (Figure 9a). During the first
CLK_IN rising edge, the data in the A registers (A22 —>
A11) are selected by SEL_A/B , to be multiplied by the
coefficients,
C0
—>
C11
in
memory
location
0,
COEF_ADDR 00H . During the second CLK_IN rising edge
the data in B registers (A0 —> A10) are selected by SEL_A/
B, to be multiplied by the coefficients, C0 —>C10 (Figure
9b). After passing through the adder tree and the delay (4
CLK_IN cycles in total), the two sums are added in the
pipeline section of the filter. FB_SEL selects PIPELINE_IN
during CLK_IN period 5, at which time a DC offset could be
introduced at PIPELINE_IN to be added to the sum. During
CLK_IN period 6, FB_SEL selects PIPELINE_OUT and the
final filter sum is calculated and passed through to
PIPELINE_OUT.
Fig. 9a Data Flow Diagram for a 23 Tap Odd-Symmetric Filter
Fig. 9b Data Flow Diagram for a 23 Tap Odd-Symmetric Filter
EVEN-TAP SYMMETRIC FILTER
The GF9101 can be configured as an even-tap symmetric
filter. A 24-tap symmetric filter can be configured using one
GF9101 by connecting the outputs of DATA_A_OUT to the
inputs
of
DATA_B_IN
and
taking
the
output
at
PIPELINE_OUT.
For
a
24-tap
symmetric
filter,
the
configuration word is shown in Table 9.
COEF_ADDR
(6 - 0)
CLK_IN
ENA
ENB
SEL_A/B
FB _SEL
PIPELINE _OUT
00H
CONFIGURE
ZERO
LOAD_EN
ENC
0
1
2
3
4
5
6
7
8
9
10
11
A
B
A
B
A
B
A
B
A
B
A
DATA_A_IN
B
PIPELINED
ADDER
(A22 x C0) + (A21 x C1) + (A20 x C2) +...+(A12 x C10) + (A11 x C11)
DATA–A–IN
DATA–B–OUT
C0
Σ
x
x
x
x
A0
A1
A2
C1
C2
C10
C11
A10
A11
A12
A20
A21
A22
x
PIPELINED
ADDER
(A22 x C0) + (A21 x C1) + (A20 x C2) +...+(A12 x C10) + (A11 x C11)
DATA–A–IN
DATA–B–OUT
C0
Σ
x
x
x
x
A0
A1
A2
C1
C2
C10
C11
A11
A12
A20
A21
A22
(A0 x C0) + (A1 x C1) + (A2 x C2) +...+(A10 x C10)
+
A10
x


Similar Part No. - GF9101-CMQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
GF9102ACTM ETC-GF9102ACTM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Gennum Corporation
GF9103 GENNUM-GF9103 Datasheet
153Kb / 9P
   Over-Sampling Color Space Converter for Video Monitoring
GF9103-CPS GENNUM-GF9103-CPS Datasheet
153Kb / 9P
   Over-Sampling Color Space Converter for Video Monitoring
GF9103-CTS GENNUM-GF9103-CTS Datasheet
153Kb / 9P
   Over-Sampling Color Space Converter for Video Monitoring
More results

Similar Description - GF9101-CMQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1307 PHILIPS-TDA1307 Datasheet
192Kb / 36P
   High-performance bitstream digital filter
1996 Jan 08
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
logo
Murata Manufacturing Co...
SF2079D-1 MURATA-SF2079D-1 Datasheet
289Kb / 5P
   High Performance SAW Filter
logo
ATMEL Corporation
AT76C112 ATMEL-AT76C112 Datasheet
48Kb / 3P
   High Performance Digital Camera Processor
logo
Axiomtek Co., Ltd.
DSB550-880 AXIOMTEK-DSB550-880 Datasheet
226Kb / 1P
   High Performance Digital Signage Player
logo
ATMEL Corporation
AT76C110 ATMEL-AT76C110 Datasheet
51Kb / 3P
   High- Performance Digital Camera Processor
logo
Microchip Technology
DSPIC30F3014 MICROCHIP-DSPIC30F3014 Datasheet
4Mb / 220P
   High-Performance Digital Signal Controllers
2004
logo
Hamamatsu Corporation
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
   High Performance Digital CCD Camera
logo
ATMEL Corporation
AT76C113 ATMEL-AT76C113 Datasheet
35Kb / 4P
   High- Performance Digital Camera Processor
logo
Microchip Technology
DSPIC30F6010 MICROCHIP-DSPIC30F6010 Datasheet
5Mb / 218P
   High-Performance Digital Signal Controllers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com