Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62569_0017 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV62569_0017
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569_0017 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV62569_0017 Datasheet HTML 7Page - Texas Instruments TLV62569_0017 Datasheet HTML 8Page - Texas Instruments TLV62569_0017 Datasheet HTML 9Page - Texas Instruments TLV62569_0017 Datasheet HTML 10Page - Texas Instruments TLV62569_0017 Datasheet HTML 11Page - Texas Instruments TLV62569_0017 Datasheet HTML 12Page - Texas Instruments TLV62569_0017 Datasheet HTML 13Page - Texas Instruments TLV62569_0017 Datasheet HTML 14Page - Texas Instruments TLV62569_0017 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Load (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
500
1000
1500
2000
2500
D011
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
0
500
1000
1500
2000
2500
D012
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
Load (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D009
VOUT = 1.8 V
VOUT = 3.3 V
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-1.0
-0.5
0.0
0.5
1.0
D010
IOUT = 0.5A
IOUT = 1.0A
IOUT = 2.0A
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
2
D006
VIN = 3.3 V
VIN = 5.0 V
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
2
D007
VIN = 5.0 V
11
TLV62569, TLV62569P
www.ti.com
SLVSDG1C – DECEMBER 2016 – REVISED OCTOBER 2017
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 8. 2.5-V Output Efficiency
Figure 9. 3.3-V Output Efficiency
VIN = 5 V
Figure 10. Load Regulation
VOUT = 1.8 V
Figure 11. Line Regulation
VIN = 5 V
Figure 12. Switching Frequency vs Load
IOUT = 1 A
Figure 13. Switching Frequency vs Input Voltage


Similar Part No. - TLV62569_0017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62569_0017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com