Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA900AYZSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PGA900AYZSR
Description  PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA900AYZSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PGA900AYZSR Datasheet HTML 4Page - Texas Instruments PGA900AYZSR Datasheet HTML 5Page - Texas Instruments PGA900AYZSR Datasheet HTML 6Page - Texas Instruments PGA900AYZSR Datasheet HTML 7Page - Texas Instruments PGA900AYZSR Datasheet HTML 8Page - Texas Instruments PGA900AYZSR Datasheet HTML 9Page - Texas Instruments PGA900AYZSR Datasheet HTML 10Page - Texas Instruments PGA900AYZSR Datasheet HTML 11Page - Texas Instruments PGA900AYZSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 137 page
background image
2.5V
2.0V
1.25V
2.5V
VBRGP
VINPP
VINPN
AVDD
Regulator
3V
Reverse
Protection
2.5V
Reference
2.5V
PGA
ADC
VDD
2.5V
Ref
Buf
REFCAP
DAC
VBRG
Buf
MUX
VOUT
DACCAP
100nF
3.3nF
40K
DAC
GAIN
vddp
A
B
C
E
R
R
1.25V
AVDD
100nF
DVDD
Regulator
DVDD
100nF
1.8V
Ratiometric
Absolute
R1
R1
ITEMP
Buf
VINTP
6
9DOXH DW 7(03 ± 9DOXH DW  &
TEMP DRIFT
10
Value at 25 C
TEMP
G

K
G K 
(1)
PGA900
SLDS209A – JANUARY 2015 – REVISED MAY 2015
www.ti.com
6.10 Bridge Sensor Supply
over operating free-air temperature range at VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBRG SUPPLY FOR RESISTIVE BRIDGE SENSORS
Bridge supply control bit = 0b00, no
2.5
load
VBRGP-
Bridge supply control bit = 0b01, no
Bridge supply voltage
2.0
V
VBRGN
load
Bridge supply control bit = 0b10, no
1.25
load
Across temperature for 2.5 V bridge
6.5
20
output at no load
Bridge supply voltage temperature
Across temperature for 2.0 V bridge
7.5
ppm/°C
variation(1)
output at no load
Across temperature for 1.25 V bridge
15.5
output at no load
IBRG
Current supply to the bridge
1.5
mA
CBRG
Capacitive load
RBRG = 20 kΩ
2
nF
Figure 2. Bridge Supply and P ADC Reference are Ratiometric
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: PGA900


Similar Part No. - PGA900AYZSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA900AYZSR TI1-PGA900AYZSR Datasheet
2Mb / 141P
[Old version datasheet]   Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
More results

Similar Description - PGA900AYZSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA900 TI-PGA900_15 Datasheet
1Mb / 138P
[Old version datasheet]   PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
PGA900 TI1-PGA900_18 Datasheet
2Mb / 141P
[Old version datasheet]   Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
logo
List of Unclassifed Man...
50.5 ETC2-50.5 Datasheet
976Kb / 2P
   Digital and analog outputs
413101 ETC2-413101 Datasheet
601Kb / 12P
   Visible Light Detector with Analog and Digital Outputs
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
   PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
logo
Renesas Technology Corp
ZSSC4169 RENESAS-ZSSC4169 Datasheet
337Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with SENT Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com