Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA837IDCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA837IDCKR
Description  OPA837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA837IDCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA837IDCKR Datasheet HTML 2Page - Texas Instruments OPA837IDCKR Datasheet HTML 3Page - Texas Instruments OPA837IDCKR Datasheet HTML 4Page - Texas Instruments OPA837IDCKR Datasheet HTML 5Page - Texas Instruments OPA837IDCKR Datasheet HTML 6Page - Texas Instruments OPA837IDCKR Datasheet HTML 7Page - Texas Instruments OPA837IDCKR Datasheet HTML 8Page - Texas Instruments OPA837IDCKR Datasheet HTML 9Page - Texas Instruments OPA837IDCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
OPA837
SBOS673 – SEPTEMBER 2017
www.ti.com
Product Folder Links: OPA837
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: VS = 5 V (continued)
at VS+ = 5 V, VS– = 0 V, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output referenced to mid-supply, and TA ≈ 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(5)
The typical specification is at 25°C TJ. The min, max limits are expanded for the automated test equipment (ATE) to account for an
ambient range from 22°C to 32°C with a 2-µA/°C temperature coefficient on the supply current.
INPUT
Common-mode input range, low
TA ≈ 25°C, < 3-dB degradation in CMRR limit
–0.2
0
V
A
TA = –40°C to +125°C, < 3-dB degradation in
CMRR limit
–0.2
0
B
Common-mode input range, high
TA ≈ 25°C, < 3-dB degradation in CMRR limit
3.7
3.8
V
A
TA = –40°C to +125°C, < 3-dB degradation in
CMRR limit
3.7
3.8
B
CMRR
Common-mode rejection ratio
95
110
dB
A
Input impedance common-mode
250 || 1.5
kΩ || pF
C
Input impedance differential mode
180 || 0.5
kΩ || pF
C
OUTPUT
VOL
Output voltage, low
TA ≈ 25°C, G = 2
0.05
0.1
V
A
TA = –40°C to +125°C, G = 5
0.05
0.1
B
VOH
Output voltage, high
TA ≈ 25°C, G = 2
4.9
4.95
V
A
TA = –40°C to +125°C, G = 5
4.8
4.9
B
Maximum current into a resistive
load
TA ≈ 25°C, ±1.6 V into 27 Ω, VIO < 2 mV
±58
±70
mA
A
Linear current into a resistive load
TA ≈ 25°C, ±1.7 V into 37.4 Ω, AOL > 80 dB
±45
±50
mA
A
Linear current into a resistive load
overtemperature
TA = –40°C to +125°C, ±1.31 V into 37.4 Ω,
AOL > 80 dB
±35
±45
mA
C
Closed-loop output impedance
Gain of 1 V/V, ±30-mA DC
0.6
.
C
POWER SUPPLY
Specified operating voltage
2.7
5.4
V
B
Quiescent operating current per
amplifier (5-V supply)
TA ≈ 25°C
(5)
564
592
625
µA
A
TA = –40°C to +125°C
408
592
865
B
Supply current temperature
coefficient
TA = –40°C to +125°C (see Figure 57)
1.1
1.9
2.4
µA/°C
B
+PSRR
Positive power-supply rejection
ratio
95
110
dB
A
–PSRR
Negative power-supply rejection
ratio
92
108
dB
A
POWER DOWN (Pin Must be Driven)
Enable voltage threshold
Specified on above VS– + 1.5 V
1.5
V
A
Disable voltage threshold
Specified off below VS– + 0.55 V
0.55
V
A
Power-down pin bias current
PD = 0 V to VS+
–50
50
nA
A
Power-down quiescent current
PD
≤ 0.55 V
4
5
10
µA
A
Power-down quiescent current
over temperature
PD
≤ 0.55 V, TA = –40°C to +125°C
10
µA
B
Turnon time delay
Time from PD = high to VOUT = 90% of final
value
300
ns
C
Turnoff time delay
Time from PD = low to VOUT = 10% of original
value
100
ns
C


Similar Part No. - OPA837IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837IDCKR TI1-OPA837IDCKR Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837IDCKR TI1-OPA837IDCKR Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837IDCKR TI-OPA837IDCKR Datasheet
2Mb / 63P
[Old version datasheet]   OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
More results

Similar Description - OPA837IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI-OPA837_V01 Datasheet
2Mb / 63P
[Old version datasheet]   OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
   200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com