Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMZM33603RLRR Datasheet(PDF) 10 Page - Texas Instruments

Part # PLMZM33603RLRR
Description  LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMZM33603RLRR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PLMZM33603RLRR Datasheet HTML 6Page - Texas Instruments PLMZM33603RLRR Datasheet HTML 7Page - Texas Instruments PLMZM33603RLRR Datasheet HTML 8Page - Texas Instruments PLMZM33603RLRR Datasheet HTML 9Page - Texas Instruments PLMZM33603RLRR Datasheet HTML 10Page - Texas Instruments PLMZM33603RLRR Datasheet HTML 11Page - Texas Instruments PLMZM33603RLRR Datasheet HTML 12Page - Texas Instruments PLMZM33603RLRR Datasheet HTML 13Page - Texas Instruments PLMZM33603RLRR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PGOOD
VIN
PGND
SW
VOUT
RT
AGND
FB
EN/SYNC
PGOOD
Logic
+
+
VREF
Comp
Power
Stage
and
Control
Logic
Thermal
Shutdown
Shutdown
Logic
OCP
VIN
UVLO
Oscillator
Soft
Start
Sync
Detect
Precision
Enable
Copyright © 2017, Texas Instruments Incorporated
10
LMZM33603
SNVSAO6 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LMZM33603
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMZM33603 is a full-featured 36-V input, 3-A synchronous step-down converter with PWM, MOSFETs,
shielded inductor, and control circuitry integrated into a low-profile, overmolded package. The device integration
enables small designs, while providing the ability to adjust key parameters to meet specific design requirements.
The LMZM33603 provides an output voltage range of 1 V to 18 V. An external resistor divider is used to adjust
the output voltage to the desired value. The switching frequency can also be adjusted, by either an external
resistor or a sync signal, which allows the TPSM33603 to accommodate a variety of input and output voltage
conditions as well as optimize efficiency. The device provides accurate voltage regulation over a wide load range
by using a precision internal voltage reference. Input undervoltage lockout is internally set at 3.6 V (typical), but
can be adjusted upward using a resistor divider on the EN/SYNC pin of the device. The EN/SYNC pin can also
be pulled low to put the device in standby mode to reduce input quiescent current. A power-good signal is
provided to indicate when the output is within its nominal voltage range. Thermal shutdown and current limit
features protect the device during an overload condition. An 18-pin, QFN package that includes exposed bottom
pads provides a thermally enhanced solution for space-constrained applications.
7.2 Functional Block Diagram


Similar Part No. - PLMZM33603RLRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLMZM33606RLXR TI1-PLMZM33606RLXR Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
More results

Similar Description - PLMZM33603RLRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
TLVM13640 TI-TLVM13640 Datasheet
2Mb / 40P
[Old version datasheet]   TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com