Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THVD1552DGSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THVD1552DGSR
Description  5-V RS-485 Transceivers With 18-kV IEC ESD Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD1552DGSR Datasheet(HTML) 5 Page - Texas Instruments

  THVD1552DGSR Datasheet HTML 1Page - Texas Instruments THVD1552DGSR Datasheet HTML 2Page - Texas Instruments THVD1552DGSR Datasheet HTML 3Page - Texas Instruments THVD1552DGSR Datasheet HTML 4Page - Texas Instruments THVD1552DGSR Datasheet HTML 5Page - Texas Instruments THVD1552DGSR Datasheet HTML 6Page - Texas Instruments THVD1552DGSR Datasheet HTML 7Page - Texas Instruments THVD1552DGSR Datasheet HTML 8Page - Texas Instruments THVD1552DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Not to scale
1
NC
14
VCC
2
R
13
VCC
3
/RE
12
A
4
DE
11
B
5
D
10
Z
6
GND
9
Y
7
GND
8
NC
Not to scale
1
R
10
VCC
2
RE
9
A
3
DE
8
B
4
D
7
Z
5
GND
6
Y
5
THVD1510, THVD1512
THVD1550, THVD1551, THVD1552
www.ti.com
SLLSEV1 – SEPTEMBER 2017
Product Folder Links: THVD1510 THVD1512 THVD1550 THVD1551 THVD1552
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
THVD1552 Device
14-Pin D Package (SOIC)
Top View
THVD1512, THVD1552 Devices
10-Pin DGS Package (VSSOP)
Top View
(1)
These pins are internally connected
Pin Functions
PIN
I/O
DESCRIPTION
NAME
D
DGS
A
12
9
Bus input
Bus input, A (complementary to B)
B
11
8
Bus input
Bus input, B (complementary to A)
D
5
4
Digital input
Driver data input
DE
4
3
Digital input
Driver enable, active high (2 MΩ internal pull-down)
GND
6, 7(1)
5
Ground
Device ground
NC
1, 8
Internally not connected
R
2
1
Digital output
Receive data output
VCC
13, 14(1)
10
Power
5-V supply
Y
9
6
Bus output
Bus output, Y (Complementary to Z)
Z
10
7
Bus output
Bus output, Z (Complementary to Y)
RE
3
2
Digital input
Receiver enable, active low (2 MΩ internal pull-up)


Similar Part No. - THVD1552DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500D TI1-THVD1500D Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500DR TI1-THVD1500DR Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1505DR TI1-THVD1505DR Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
More results

Similar Description - THVD1552DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
THVD1400 TI-THVD1400_V01 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1400 TI-THVD1400_V02 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹12-kV IEC ESD Protection
OCTOBER 2021
THVD1400 TI-THVD1400 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406_V01 Datasheet
1Mb / 29P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com