Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THVD1552DGS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THVD1552DGS
Description  5-V RS-485 Transceivers With 18-kV IEC ESD Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD1552DGS Datasheet(HTML) 1 Page - Texas Instruments

  THVD1552DGS Datasheet HTML 1Page - Texas Instruments THVD1552DGS Datasheet HTML 2Page - Texas Instruments THVD1552DGS Datasheet HTML 3Page - Texas Instruments THVD1552DGS Datasheet HTML 4Page - Texas Instruments THVD1552DGS Datasheet HTML 5Page - Texas Instruments THVD1552DGS Datasheet HTML 6Page - Texas Instruments THVD1552DGS Datasheet HTML 7Page - Texas Instruments THVD1552DGS Datasheet HTML 8Page - Texas Instruments THVD1552DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
B
A
(9 ) 12
(8 ) 11
R
D
2 (1)
5 (4)
RE
DE
3 (2)
4 (3)
Y
Z
(7 ) 10
(6) 9
Copyright © 2017, Texas Instruments Incorporated
B
A
Y
Z
R
D
2
3
8
7
6
5
Copyright © 2017, Texas Instruments Incorporated
A
B
7
6
R
D
1
4
RE
DE
2
3
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
THVD1510, THVD1512
THVD1550, THVD1551, THVD1552
SLLSEV1 – SEPTEMBER 2017
THVD15xx 5-V RS-485 Transceivers With ±18-kV IEC ESD Protection
1
1 Features
1
Meets or Exceeds the Requirements of the
TIA/EIA-485A Standard
4.5 V to 5.5 V Supply Voltage
Integrated Bus I/O Protection
± 30 kV HBM ESD
± 18 kV IEC 61000-4-2 ESD Contact
Discharge
± 25 kV IEC 61000-4-2 ESD Air-Gap
Discharge
± 4 kV IEC 61000-4-4 Electrical Fast Transient
Extended Operational Common-mode: ± 15 V
Low EMI 500 kbps and 50 Mbps Data Rates
Extended Temperature Range: -40°C to 125°C
Large Receiver Hysteresis for Noise Rejection
Low Power Consumption
Low Standby Supply Current: < 1 µA
Current During Operation: < 1 mA
Glitch-Free Power-Up/Down for Hot Plug-in
Capability
Open, Short, and Idle Bus Failsafe
1/8 Unit Load Options (Up to 256 Bus Nodes)
Small-Size VSSOP Packages Save Board Space
or SOIC for Drop-in Compatibility
2 Applications
Motor Drives
Factory Automation and Control
Grid Infrastructure
Building Automation
HVAC Systems
Video Surveillance
Process Analytics
Telecom Infrastructure
3 Description
THVD15xx is a family of noise-immune RS-485/RS-
422 transceivers designed to operate in rugged
industrial environments. The bus pins of these
devices are robust to high levels of IEC electrical fast
transients (EFT) and IEC electrostatic discharge
(ESD) events, eliminating the need for additional
system-level protection components.
Each of these devices operates from a single 5-V
supply. The devices in this family feature an extended
common-mode voltage range which makes them
suitable for multi-point applications over long cable
runs.
THVD15xx family of devices is available in small
VSSOP packages for space-constrained applications.
These devices are characterized over ambient free-
air temperatures from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
THVD1510
THVD1550
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.91 mm
THVD1551
VSSOP (8)
3.00 mm × 3.00 mm
THVD1512
VSSOP (10)
3.00 mm × 3.00 mm
THVD1552
VSSOP (10)
3.00 mm × 3.00 mm
SOIC (14)
8.65 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
THVD1510 and THVD1550 Simplified Schematic
THVD1551 Simplified Schematic
THVD1512 and THVD1552 Simplified Schematic


Similar Part No. - THVD1552DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500D TI1-THVD1500D Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500DR TI1-THVD1500DR Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1505DR TI1-THVD1505DR Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
More results

Similar Description - THVD1552DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
THVD1400 TI-THVD1400_V01 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1400 TI-THVD1400_V02 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹12-kV IEC ESD Protection
OCTOBER 2021
THVD1400 TI-THVD1400 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406_V01 Datasheet
1Mb / 29P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com