Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSUS5200 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSUS5200
Description  Infrared Emitting Diode, 950 nm, GaAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSUS5200 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSUS5200_11 Datasheet HTML 1Page - Vishay Siliconix TSUS5200_11 Datasheet HTML 2Page - Vishay Siliconix TSUS5200_11 Datasheet HTML 3Page - Vishay Siliconix TSUS5200_11 Datasheet HTML 4Page - Vishay Siliconix TSUS5200_11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSUS5200, TSUS5201, TSUS5202
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 24-Aug-11
4
Document Number: 81055
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Radiant Power vs. Forward Current
Fig. 7 - Relative Radiant Intensity/Power vs. Ambient Temperature
Fig. 8 - Relative Radiant Power vs. Wavelength
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
IF - Forward Current (mA)
94 7992
103
101
102
104
100
0.1
1
10
1000
100
TSUS5200
TSUS 5202
- 10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF = 20 mA
Tamb - Ambient Temperature (°C)
900
950
0
0.25
0.5
0.75
1.0
1.25
λ - Wavelength (nm)
1000
94 7994
I
F = 100 mA
0.4
0.2
0
0.2
0.4
0.6
94 7995
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
A
C
1.1 ± 0.25
0.5
+ 0.15
- 0.05
Ø 5 ± 0.15
2.54 nom.
0.5 + 0.15
- 0.05
Area not plane
technical drawings
according to DIN
specifications
R 2.49 (sphere)
6.544-5258.02-4
Issue: 7; 23.07.10
95 10916


Similar Part No. - TSUS5200_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
More results

Similar Description - TSUS5200_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 08-Mar-11
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.5, 25-Aug-11
TSUS5400 VISHAY-TSUS5400_11 Datasheet
111Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 24-Aug-11
TSSS2600 VISHAY-TSSS2600_11 Datasheet
108Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 24-Aug-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com