Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR33630 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMR33630
Description  LMR33630 SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR33630 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMR33630 Datasheet HTML 4Page - Texas Instruments LMR33630 Datasheet HTML 5Page - Texas Instruments LMR33630 Datasheet HTML 6Page - Texas Instruments LMR33630 Datasheet HTML 7Page - Texas Instruments LMR33630 Datasheet HTML 8Page - Texas Instruments LMR33630 Datasheet HTML 9Page - Texas Instruments LMR33630 Datasheet HTML 10Page - Texas Instruments LMR33630 Datasheet HTML 11Page - Texas Instruments LMR33630 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
UP
DN
INPUT VOLTAGE (1V/Div)
0
400
500
600
700
800
900
1,000
1,100
1,200
5
10
15
20
25
30
35
40
Input Voltage (V)
-40C
25C
125C
C006
500
600
700
800
900
1000
0
5
10
15
20
25
30
35
40
Input Voltage (V)
-40C
25C
125C
C004
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
±40
±20
0
20
40
60
80
100
120
140
Temperature (C)
UP
DN
C006
20
22
24
26
28
30
32
34
36
0
5
10
15
20
25
30
35
40
Input Voltage (V)
-40C
25C
125C
C005
0
1
2
3
4
5
6
7
8
9
10
11
12
0
5
10
15
20
25
30
35
40
Input Voltage (V)
-40C
25C
125C
C003
8
LMR33630
SNVSAN3 – AUGUST 2017
www.ti.com
Product Folder Links: LMR33630
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics
Unless otherwise specified the following conditions apply: TA = 25°C. VIN = 12 V
VFB = 1.2 V
Figure 1. Non-Switching Input Supply Current
EN = 0 V
Figure 2. Shutdown Supply Current
VOUT = 0 V
ƒS = 400 kHz
See Figure 34
Figure 3. Short Circuit Output Current
Figure 4. Precision Enable Thresholds
IOUT = 1 mA
Figure 5. UVLO Thresholds
IOUT = 0 A
VOUT = 5 V
See Figure 34
ƒSW = 400 kHz
Figure 6. IPEAK-MIN


Similar Part No. - LMR33630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR33630 TI1-LMR33630 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630 Datasheet
2Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results

Similar Description - LMR33630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR33630 TI1-LMR33630_18 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630_018 TI1-LMR33630_018 Datasheet
2Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com